Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS3470 Datasheet(PDF) 86 Page - Semtech Corporation

Part # GS3470
Description  3G, HD, SD SDI Receiver
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3470 Datasheet(HTML) 86 Page - Semtech Corporation

Back Button GS3470 Datasheet HTML 82Page - Semtech Corporation GS3470 Datasheet HTML 83Page - Semtech Corporation GS3470 Datasheet HTML 84Page - Semtech Corporation GS3470 Datasheet HTML 85Page - Semtech Corporation GS3470 Datasheet HTML 86Page - Semtech Corporation GS3470 Datasheet HTML 87Page - Semtech Corporation GS3470 Datasheet HTML 88Page - Semtech Corporation GS3470 Datasheet HTML 89Page - Semtech Corporation GS3470 Datasheet HTML 90Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 169 page
background image
GS3470
Final Data Sheet
Rev.8
PDS-060500
September 2017
86 of 169
Semtech
www.semtech.com
4.19.4 Error Reporting
4.19.4.1 Data Block Number Error
When the 1 to 255d count sequence in the Data Block Number (DBN) word of Group A
audio data packets is discontinuous, the DBNA_ERR bit in the host interface
ACS_DET(HD/3G) or DBN_ERR(SD) register is set HIGH. When the 1 to 255 count
sequence in the DBN word of Group B audio data packets is discontinuous, the
DBNB_ERR bit in the ACS_DET(HD/3G) or DBN_ERR(SD) register is set HIGH.
The DBNA_ERR and DBNB_ERR flags also have associated INT_ENABLE[2] register
flags for configuration of error reporting in the Receiver. The DBNA_ERR and
DBNB_ERR flags remains set until cleared by writing to these locations.
4.19.4.2 ECC Error
The GS3470 monitors the ECC error status of the two selected audio groups, as
described in Section 4.19.2.6.
The ECC[B:A]_ERROR flags also have associated AUD_DET2 register flags for
configuration of error reporting in the Receiver. The ECC[B:A]_ERROR flags remain set
until written via the host interface.
Note: Low latency mode option is not available when ECC error is enabled.
4.20 GSPI - HOST Interface
The GS3470 is controlled via the Gennum Serial Peripheral Interface (GSPI).
The GSPI host interface is comprised of a serial data input signal (SDIN pin), serial data
output signal (SDOUT pin), an active-low chip select (CS pin) and a burst clock (SCLK pin).
The GS3470 is a slave device, so the SCLK, SDIN and CS signals must be sourced by the
application host processor.
All read and write access to the device is initiated and terminated by the application
host processor.
Please refer to GS3470 Host Interface Register Map for a detailed description of the CSR
registers available in the GS3470.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com