Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS3470 Datasheet(PDF) 15 Page - Semtech Corporation

Part # GS3470
Description  3G, HD, SD SDI Receiver
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS3470 Datasheet(HTML) 15 Page - Semtech Corporation

Back Button GS3470 Datasheet HTML 11Page - Semtech Corporation GS3470 Datasheet HTML 12Page - Semtech Corporation GS3470 Datasheet HTML 13Page - Semtech Corporation GS3470 Datasheet HTML 14Page - Semtech Corporation GS3470 Datasheet HTML 15Page - Semtech Corporation GS3470 Datasheet HTML 16Page - Semtech Corporation GS3470 Datasheet HTML 17Page - Semtech Corporation GS3470 Datasheet HTML 18Page - Semtech Corporation GS3470 Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 169 page
background image
GS3470
Final Data Sheet
Rev.8
PDS-060500
September 2017
15 of 169
Semtech
www.semtech.com
Parallel Clock Duty Cycle
DCPCLK
——
50
—
%
—
Output Data Hold Time (1.8V)
toh
6pF Cload
SPI
1.5
—
—
ns
—
AUDIO
1.5
—
—
ns
—
3G 10-bit
6pF Cload
DOUT
0.3
—
—
ns
—
STAT
0.3
—
—
ns
—
3G 20-bit
6pF Cload
DOUT
0.5
—
—
ns
—
STAT
0.5
—
—
ns
—
HD 10-bit
6pF Cload
DOUT
1.5
—
—
ns
—
STAT
1.5
—
—
ns
—
HD 20-bit
6pF Cload
DOUT
5.0
—
—
ns
—
STAT
5.0
—
—
ns
—
SD 10-bit
6pF Cload
DOUT
15.0
—
—
ns
—
STAT
15.0
—
—
ns
—
SD 20-bit
6pF Cload
DOUT
30.0
—
—
ns
—
STAT
30.0
—
—
ns
—
Output Data Hold Time (2.5V)
toh
6pF Cload
SPI
1.5
—
—
ns
—
AUDIO
1.5
—
—
ns
—
3G 10-bit
6pF Cload
DOUT
0.3
—
—
ns
—
STAT
0.3
—
—
ns
—
3G 20-bit
6pF Cload
DOUT
0.5
—
—
ns
—
STAT
0.5
—
—
ns
—
HD 10-bit
6pF Cload
DOUT
1.5
—
—
ns
—
STAT
1.5
—
—
ns
—
HD 20-bit
6pF Cload
DOUT
4.0
—
—
ns
—
STAT
4.0
—
—
ns
—
SD 10-bit
6pF Cload
DOUT
15.0
—
—
ns
—
STAT
15.0
—
—
ns
—
SD 20-bit
6pF Cload
DOUT
30.0
—
—
ns
—
STAT
30.0
—
—
ns
—
Table 2-4: AC Electrical Characteristics (Continued)
Guaranteed over recommended operating conditions unless otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com