Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC101S101 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DAC101S101
Description  10-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC101S101 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button DAC101S101 Datasheet HTML 11Page - National Semiconductor (TI) DAC101S101 Datasheet HTML 12Page - National Semiconductor (TI) DAC101S101 Datasheet HTML 13Page - National Semiconductor (TI) DAC101S101 Datasheet HTML 14Page - National Semiconductor (TI) DAC101S101 Datasheet HTML 15Page - National Semiconductor (TI) DAC101S101 Datasheet HTML 16Page - National Semiconductor (TI) DAC101S101 Datasheet HTML 17Page - National Semiconductor (TI) DAC101S101 Datasheet HTML 18Page - National Semiconductor (TI) DAC101S101 Datasheet HTML 19Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
2.0 Applications Information
(Continued)
2.2.2 LM4050
Available with accuracy of 0.44%, the LM4050 shunt refer-
ence is also a good choice as a power regulator for the
DAC101S101. It does not come ina3Volt version, but
4.096V and 5V versions are available. It comes in a space-
saving 3-pin SOT23.
The minimum resistor value in the circuit of Figure 10 should
be chosen such that the maximum current through the
LM4050 does not exceed its 15 mA rating. The conditions for
maximum current include the input voltage at its maximum,
the LM4050 voltage at its minimum, the resistor value at its
minimum due to tolerance, and the DAC101S101 draws
zero current. The maximum resistor value must allow the
LM4050 to draw more than its minimum current for regula-
tion plus the maximum DAC101S101 current in full opera-
tion. The conditions for minimum current include the input
voltage at its minimum, the LM4050 voltage at its maximum,
the resistor value at its maximum due to tolerance, and the
DAC101S101 draws its maximum current. These conditions
can be summarized as
R(min)=(V
IN(max) − VZ(min) / (IA(min) + IZ(max))
and
R(max)=(V
IN(min) − VZ(max) / (IA(max) + IZ(min) )
where V
Z(min) and VZ(max) are the nominal LM4050 output
voltages ± the LM4050 output tolerance over temperature,
I
Z(max)
is the maximum allowable current through the
LM4050, I
Z(min) is the minimum current required by the
LM4050 for proper regulation, I
A(max)
is the maximum
DAC101S101 supply current, and I
A(min) is the minimum
DAC101S101 supply current.
2.2.3 LP3985
The LP3985 is a low noise, ultra low dropout voltage regu-
lator with a 3% accuracy over temperature. It is a good
choice for applications that do not require a precision refer-
ence for the DAC101S101. It comes in 3.0V, 3.3V and 5V
versions, among others, and sports a low 30 µV noise speci-
fication at low frequencies. Since low frequency noise is
relatively difficult to filter, this specification could be important
for some applications. The LP3985 comes in a space-saving
5-pin SOT23 and 5-bump micro SMD packages.
An input capacitance of 1.0µF without any ESR requirement
is required at the LP3985 input, while a 1.0µF ceramic
capacitor with an ESR requirement of 5m
Ω to 500mΩ is
required at the output. Careful interpretation and under-
standing of the capacitor specification is required to ensure
correct device operation.
2.2.4 LP2980
The LP2980 is an ultra low dropout regulator with a 0.5% or
1.0% accuracy over temperature, depending upon grade. It
is available in 3.0V, 3.3V and 5V versions, among others.
Like any low dropout regulator, the LP2980 requires an
output capacitor for loop stability. This output capacitor must
be at least 1.0µF over temperature, but values of 2.2µF or
more will provide even better performance. The ESR of this
capacitor should be within the range specified in the LP2980
data sheet. Surface-mount solid tantalum capacitors offer a
good combination of small size and ESR. Ceramic capaci-
tors are attractive due to their small size but generally have
ESR values that are too low for use with the LP2980. Alumi-
20154113
FIGURE 9. The LM4130 as a power supply
20154114
FIGURE 10. The LM4050 as a power supply
20154115
FIGURE 11. Using the LP3985 regulator
20154116
FIGURE 12. Using the LP2980 regulator
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com