Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC101S101 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DAC101S101
Description  10-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC101S101 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DAC101S101 Datasheet HTML 1Page - National Semiconductor (TI) DAC101S101 Datasheet HTML 2Page - National Semiconductor (TI) DAC101S101 Datasheet HTML 3Page - National Semiconductor (TI) DAC101S101 Datasheet HTML 4Page - National Semiconductor (TI) DAC101S101 Datasheet HTML 5Page - National Semiconductor (TI) DAC101S101 Datasheet HTML 6Page - National Semiconductor (TI) DAC101S101 Datasheet HTML 7Page - National Semiconductor (TI) DAC101S101 Datasheet HTML 8Page - National Semiconductor (TI) DAC101S101 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Absolute Maximum Ratings
(Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage, V
A
6.5V
Voltage on any Input Pin
−0.3V to (V
A + 0.3V)
Input Current at Any Pin (Note 3)
10 mA
Package Input Current (Note 3)
20 mA
Power Consumption at T
A = 25˚C
See (Note 4)
ESD Susceptibility (Note 5)
Human Body Model
Machine Model
2500V
250V
Soldering Temperature, Infrared,
10 Seconds (Note 6)
235˚C
Storage Temperature
−65˚C to +150˚C
Operating Ratings (Notes 1, 2)
Operating Temperature Range
−40˚C
≤ T
A
≤ +105˚C
Supply Voltage, V
A
+2.7V to 5.5V
Any Input Voltage (Note 7)
−0.1 V to (V
A + 0.1 V)
Output Load
0 to 1500 pF
SCLK Frequency
Up to 30 MHz
Package Thermal Resistances
Package
θ
JA
8-Lead MSOP
240˚C/W
6-Lead TSOT
250˚C/W
Electrical Characteristics
Values shown in this table are design targets and are subject to change before product release. The following specifica-
tions apply for V
A = +2.7V to +5.5V, RL =2k
Ω to GND, C
L = 200 pF to GND, fSCLK = 30 MHz, input code range 12 to 1011.
Boldface limits apply for T
MIN
≤ T
A
≤ T
MAX: all other limits TA = 25˚C, unless otherwise specified.
Symbol
Parameter
Conditions
Typical
(Note 9)
Limits
(Note 9)
Units
(Limits)
STATIC PERFORMANCE
Resolution
10
Bits (min)
Monotonicity
10
Bits (min)
INL
Integral Non-Linearity
Over Decimal codes 12 to 1011
±0.6
±2.8
LSB (max)
DNL
Differential Non-Linearity
V
A = 2.7V to 5.5V
+0.15
+0.35
LSB (max)
−0.05
−0.2
LSB (min)
ZE
Zero Code Error
I
OUT = 0
+3.3
+15
mV (max)
FSE
Full-Scale Error
I
OUT = 0
−0.06
−1.0
%FSR
(max)
GE
Gain Error
All ones Loaded to DAC register
−0.10
±1.0
%FSR
(max)
ZCED
Zero Code Error Drift
−20
µV/˚C
TC GE
Gain Error Tempco
V
A = 3V
−0.7
ppm/˚C
V
A = 5V
−1.0
ppm/˚C
OUTPUT CHARACTERISTICS
Output Voltage Range
(Note 10)
0
V
A
V (min)
V (max)
ZCO
Zero Code Output
V
A = 3V, IOUT = 10 µA
1.8
mV
V
A = 3V, IOUT = 100 µA
5.0
mV
V
A = 5V, IOUT = 10 µA
3.7
mV
V
A = 5V, IOUT = 100 µA
5.4
mV
FSO
Full Scale Output
V
A = 3V, IOUT = 10 µA
2.997
V
V
A = 3V, IOUT = 100 µA
2.990
V
V
A = 5V, IOUT = 10 µA
4.995
V
V
A = 5V, IOUT = 100 µA
4.992
V
Maximum Load Capacitance
R
L = ∞
1500
pF
R
L =2k
Ω
1500
pF
DC Output Impedance
1.3
Ohm
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com