Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC101S101 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DAC101S101
Description  10-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC101S101 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button DAC101S101 Datasheet HTML 11Page - National Semiconductor (TI) DAC101S101 Datasheet HTML 12Page - National Semiconductor (TI) DAC101S101 Datasheet HTML 13Page - National Semiconductor (TI) DAC101S101 Datasheet HTML 14Page - National Semiconductor (TI) DAC101S101 Datasheet HTML 15Page - National Semiconductor (TI) DAC101S101 Datasheet HTML 16Page - National Semiconductor (TI) DAC101S101 Datasheet HTML 17Page - National Semiconductor (TI) DAC101S101 Datasheet HTML 18Page - National Semiconductor (TI) DAC101S101 Datasheet HTML 19Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
2.0 Applications Information
(Continued)
num electrolytic capacitors are typically not a good choice
due to their large size and have ESR values that may be too
high at low temperatures.
2.3 BIPOLAR OPERATION
The DAC101S101 is designed for single supply operation
and thus has a unipolar output. However, a bipolar output
may be obtained with the circuit in Figure 13. This circuit will
provide an output voltage range of ±5 Volts. A rail-to-rail
amplifier should be used if the amplifier supplies are limited
to ±5V.
The output voltage of this circuit for any code is found to be
V
O =(VA x (D / 1024) x ((R1 + R2) / R1) - VA xR2/R1)
where D is the input code in decimal form. With V
A =5Vand
R1 = R2,
V
O =(10xD/ 1024) - 5V
A list of rail-to-rail amplifiers suitable for this application are
indicated in Table 2.
TABLE 2. Some Rail-to-Rail Amplifiers
AMP
PKGS
Typ V
OS
Typ I
SUPPLY
LMC7111
DIP-8
SOT23-5
0.9 mV
25 µA
LM7301
SO-8
SOT23-5
0.03 mV
620 µA
LM8261
SOT23-5
0.7 mV
1 mA
2.4 LAYOUT, GROUNDING, AND BYPASSING
For best accuracy and minimum noise, the printed circuit
board containing the DAC101S101 should have separate
analog and digital areas. The areas are defined by the
locations of the analog and digital power planes. Both of
these planes should be located in the same board layer.
There should be a single ground plane. A single ground
plane is preferred if digital return current does not flow
through the analog ground area. Frequently a single ground
plane design will utilize a "fencing" technique to prevent the
mixing of analog and digital ground current. Separate ground
planes should only be utilized when the fencing technique is
inadequate. The separate ground planes must be connected
in one place, preferably near the DAC101S101. Special care
is required to guarantee that digital signals with fast edge
rates do not pass over split ground planes. They must al-
ways have a continuous return path below their traces.
The DAC101S101 power supply should be bypassed with a
10µF and a 0.1µF capacitor as close as possible to the
device with the 0.1µF right at the device supply pin. The
10µF capacitor should be a tantalum type and the 0.1µF
capacitor should be a low ESL, low ESR type. The power
supply for the DAC101S101 should only be used for analog
circuits.
Avoid crossover of analog and digital signals and keep the
clock and data lines on the component side of the board. The
clock and data lines should have controlled impedances.
20154117
FIGURE 13. Bipolar Operation
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com