Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC101S101 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DAC101S101
Description  10-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC101S101 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DAC101S101 Datasheet HTML 1Page - National Semiconductor (TI) DAC101S101 Datasheet HTML 2Page - National Semiconductor (TI) DAC101S101 Datasheet HTML 3Page - National Semiconductor (TI) DAC101S101 Datasheet HTML 4Page - National Semiconductor (TI) DAC101S101 Datasheet HTML 5Page - National Semiconductor (TI) DAC101S101 Datasheet HTML 6Page - National Semiconductor (TI) DAC101S101 Datasheet HTML 7Page - National Semiconductor (TI) DAC101S101 Datasheet HTML 8Page - National Semiconductor (TI) DAC101S101 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
DAC101S101
10-Bit Micro Power Digital-to-Analog Converter with
Rail-to-Rail Output
General Description
The DAC101S101 is a full-featured, general purpose 10-bit
voltage-output digital-to-analog converter (DAC) that can
operate from a single +2.7V to 5.5V supply and consumes
just 175 µA of current at 3.6 Volts. The on-chip output
amplifier allows rail-to-rail output swing and the three wire
serial interface operates at clock rates up to 30 MHz over the
specified supply voltage range and is compatible with stan-
dard SPI™, QSPI, MICROWIRE and DSP interfaces. Com-
petitive devices are limited to 20 MHz clock rates at supply
voltages in the 2.7V to 3.6V range.
The supply voltage for the DAC101S101 serves as its volt-
age reference, providing the widest possible output dynamic
range. A power-on reset circuit ensures that the DAC output
powers up to zero volts and remains there until there is a
valid write to the device. A power-down feature reduces
power consumption to less than a microWatt.
The low power consumption and small packages of the
DAC101S101 make it an excellent choice for use in battery
operated equipment.
The DAC101S101 is a direct replacement for the AD5310
and is one of a family of pin compatible DACs, including the
8-bit DAC081S101 and the 12-bit DAC121S101. The
DAC101S101 operates over the extended industrial tem-
perature range of −40˚C to +105˚C.
Features
n
Guaranteed Monotonicity
n
Low Power Operation
n
Rail-to-Rail Voltage Output
n
Power-on Reset to Zero Volts Output
n
SYNC Interrupt Facility
n
Wide power supply range (+2.7V to +5.5V)
n
Small Packages
n
Power Down Feature
Key Specifications
n
Resolution
10 bits
n
DNL
+0.15, -0.05 LSB (typ)
n
Output Settling Time
8 µs (typ)
n
Zero Code Error
3.3 mV (typ)
n
Full-Scale Error
−0.06 %FS (typ)
n
Power Consumption
— Normal Mode
0.63 mW (3.6V) / 1.41 mW (5.5V) typ
— Pwr Down Mode 0.14 µW (3.6V) / 0.33 µW (5.5V) typ
Applications
n
Battery-Powered Instruments
n
Digital Gain and Offset Adjustment
n
Programmable Voltage & Current Sources
n
Programmable Attenuators
Pin Configuration
20154101
20154102
Ordering Information
Order Numbers
Temperature Range
Package
Top Mark
DAC101S101CIMM
−40˚C
≤ T
A
≤ +105˚C
MSOP
X62C
DAC101S101CIMMX
−40˚C
≤ T
A
≤ +105˚C
MSOP Tape-and-Reel
X62C
DAC101S101CIMK
−40˚C
≤ T
A
≤ +105˚C
TSOT
X63C
DAC101S101CIMKX
−40˚C
≤ T
A
≤ +105˚C
TSOT Tape-and-Reel
X63C
DAC101S101EVAL
Evaluation Board
SPI™ is a trademark of Motorola, Inc.
June 2005
© 2005 National Semiconductor Corporation
DS201541
www.national.com


Similar Part No. - DAC101S101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC101S101 TI1-DAC101S101 Datasheet
1Mb / 37P
DAC101S101 and DAC101S101Q-1 10-Bit Micro Power, RRO Digital-to-Analog Converter
DAC101S101-Q1 TI1-DAC101S101-Q1 Datasheet
1Mb / 37P
DAC101S101 and DAC101S101Q-1 10-Bit Micro Power, RRO Digital-to-Analog Converter
DAC101S101CIMK/NOPB TI1-DAC101S101CIMK/NOPB Datasheet
1Mb / 37P
DAC101S101 and DAC101S101Q-1 10-Bit Micro Power, RRO Digital-to-Analog Converter
DAC101S101CIMKX/NOPB TI1-DAC101S101CIMKX/NOPB Datasheet
1Mb / 37P
DAC101S101 and DAC101S101Q-1 10-Bit Micro Power, RRO Digital-to-Analog Converter
DAC101S101CIMM TI1-DAC101S101CIMM Datasheet
1Mb / 37P
DAC101S101 and DAC101S101Q-1 10-Bit Micro Power, RRO Digital-to-Analog Converter
More results

Similar Description - DAC101S101

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC121S101 NSC-DAC121S101 Datasheet
907Kb / 19P
12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC081S101 NSC-DAC081S101 Datasheet
899Kb / 19P
8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC102S085 NSC-DAC102S085 Datasheet
821Kb / 18P
10-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
DAC084S085 NSC-DAC084S085 Datasheet
832Kb / 18P
8-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC104S085 NSC-DAC104S085 Datasheet
832Kb / 18P
10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
DAC121S101QML NSC-DAC121S101QML_10 Datasheet
520Kb / 24P
12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC104S085 TI-DAC104S085 Datasheet
1Mb / 29P
10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
11696 TI-11696 Datasheet
913Kb / 19P
12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC081S101 TI1-DAC081S101_15 Datasheet
1Mb / 29P
DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC102S085 TI1-DAC102S085_16 Datasheet
1Mb / 32P
DAC102S085 10-Bit Micro Power DUAL Digital-to-Analog Converter With Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com