Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC101S101 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DAC101S101
Description  10-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC101S101 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button DAC101S101 Datasheet HTML 10Page - National Semiconductor (TI) DAC101S101 Datasheet HTML 11Page - National Semiconductor (TI) DAC101S101 Datasheet HTML 12Page - National Semiconductor (TI) DAC101S101 Datasheet HTML 13Page - National Semiconductor (TI) DAC101S101 Datasheet HTML 14Page - National Semiconductor (TI) DAC101S101 Datasheet HTML 15Page - National Semiconductor (TI) DAC101S101 Datasheet HTML 16Page - National Semiconductor (TI) DAC101S101 Datasheet HTML 17Page - National Semiconductor (TI) DAC101S101 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
1.0 Functional Description
1.1 DAC SECTION
The DAC101S101 is fabricated on a CMOS process with an
architecture that consists of switches and a resistor string
that are followed by an output buffer. The power supply
serves as the reference voltage. The input coding is straight
binary with an ideal output voltage of:
V
OUT =VA x (D / 1024)
where D is the decimal equivalent of the binary code that is
loaded into the DAC register and can take on any value
between 0 and 1023.
1.2 RESISTOR STRING
The resistor string is shown in Figure 3. This string consists
of 4096 equal valued resistors with a switch at each junction
of two resistors, plus a switch to ground. The code loaded
into the DAC register determines which switch is closed,
connecting the proper node to the amplifier. This configura-
tion guarantees that the DAC is monotonic.
1.3 OUTPUT AMPLIFIER
The output buffer amplifier is a rail-to-rail type, providing an
output voltage range of 0V to V
A. All amplifiers, even rail-to-
rail types, exhibit a loss of linearity as the output approaches
the supply rails (0V and V
A, in this case). For this reason,
linearity is specified over less than the full output range of the
DAC. The output capabilities of the amplifier are described in
the Electrical Tables.
1.4 SERIAL INTERFACE
The three-wire interface is compatible with SPI, QSPI and
MICROWIRE as well as most DSPs. See the Timing Dia-
gram for information on a write sequence.
A write sequence begins by bringing the SYNC line low.
Once SYNC is low, the data on the D
IN line is clocked into
the 16-bit serial input register on the falling edges of SCLK.
On the 16th falling clock edge, the last data bit is clocked in
and the programmed function (a change in the mode of
operation and/or a change in the DAC register contents) is
executed. At this point the SYNC line may be kept low or
brought high. In either case, it must be brought high for the
minimum specified time before the next write sequence as a
falling edge of SYNC is used to initiate the next write cycle.
Since the SYNC and D
IN buffers draw more current when
they are high, they should be idled low between write se-
quences to minimize power consumption.
1.5 INPUT SHIFT REGISTER
The input shift register, Figure 4, has sixteen bits. The first
two bits are "don’t cares" and are followed by two bits that
determine the mode of operation (normal mode or one of
three power-down modes). The contents of the serial input
register are transferred to the DAC register on the sixteenth
falling edge of SCLK. See Timing Diagram, Figure 2.
Normally, the SYNC line is kept low for at least 16 falling
edges of SCLK and the DAC is updated on the 16th SCLK
falling edge. However, if SYNC is brought high before the
16th falling edge, the shift register is reset and the write
sequence is invalid. The DAC register is not updated and
there is no change in the mode of operation or in the output
voltage.
1.6 POWER-ON RESET
The power-on reset circuit controls the output voltage during
power-up. Upon application of power the DAC register is
filled with zeros and the output voltage is 0 Volts and remains
there until a valid write sequence is made to the DAC.
1.7 POWER-DOWN MODES
The DAC101S101 has four modes of operation. These
modes are set with two bits (DB13 and DB12) in the control
register.
TABLE 1. Modes of Operation
DB13
DB12
Operating Mode
0
0
Normal Operation
0
1
Power-Down with 1k
Ω to GND
1
0
Power-Down with 100k
Ω to GND
1
1
Power-Down with Hi-Z
When both DB13 and DB12 are 0, the device operates
normally. For the other three possible combinations of these
bits the supply current drops to its power-down level and the
output is pulled down with either a 1k
Ω or a 100KΩ resistor,
or is in a high impedance state, as described in Table 1.
The bias generator, output amplifier, the resistor string and
other linear circuitry are all shut down in any of the power-
down modes. However, the contents of the DAC register are
unaffected when in power-down, so when coming out of
power down the output voltage returns to the same voltage it
20154107
FIGURE 3. DAC Resistor String
20154108
FIGURE 4. Input Register Contents
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com