Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC101S101 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DAC101S101
Description  10-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC101S101 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DAC101S101 Datasheet HTML 1Page - National Semiconductor (TI) DAC101S101 Datasheet HTML 2Page - National Semiconductor (TI) DAC101S101 Datasheet HTML 3Page - National Semiconductor (TI) DAC101S101 Datasheet HTML 4Page - National Semiconductor (TI) DAC101S101 Datasheet HTML 5Page - National Semiconductor (TI) DAC101S101 Datasheet HTML 6Page - National Semiconductor (TI) DAC101S101 Datasheet HTML 7Page - National Semiconductor (TI) DAC101S101 Datasheet HTML 8Page - National Semiconductor (TI) DAC101S101 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Block Diagram
20154103
Pin Descriptions
TSOT
(SOT-23)
Pin No.
MSOP
Pin No.
Symbol
Description
14
V
OUT
DAC Analog Output Voltage.
2
8
GND
Ground reference for all on-chip circuitry.
31
V
A
Power supply and Reference input. Should be decoupled
to GND.
47
D
IN
Serial Data Input. Data is clocked into the 16-bit shift
register on the falling edges of SCLK after the fall of
SYNC.
5
6
SCLK
Serial Clock Input. Data is clocked into the input shift
register on the falling edges of this pin.
6
5
SYNC
Frame synchronization input for the data input. When this
pin goes low, it enables the input shift register and data
is transferred on the falling edges of SCLK. The DAC is
updated on the 16th clock cycle unless SYNC is brought
high before the 16th clock, in which case the rising edge
of SYNC acts as an interrupt and the write sequence is
ignored by the DAC.
2, 3
NC
No Connect. There is no internal connection to these
pins.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com