Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC101S101 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DAC101S101
Description  10-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC101S101 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button DAC101S101 Datasheet HTML 2Page - National Semiconductor (TI) DAC101S101 Datasheet HTML 3Page - National Semiconductor (TI) DAC101S101 Datasheet HTML 4Page - National Semiconductor (TI) DAC101S101 Datasheet HTML 5Page - National Semiconductor (TI) DAC101S101 Datasheet HTML 6Page - National Semiconductor (TI) DAC101S101 Datasheet HTML 7Page - National Semiconductor (TI) DAC101S101 Datasheet HTML 8Page - National Semiconductor (TI) DAC101S101 Datasheet HTML 9Page - National Semiconductor (TI) DAC101S101 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Specification Definitions
DIFFERENTIAL NON-LINEARITY (DNL) is the measure of
the maximum deviation from the ideal step size of 1 LSB,
which is V
REF /1024=VA / 1024.
DIGITAL FEEDTHROUGH is a measure of the energy in-
jected into the analog output of the DAC from the digital
inputs when the DAC outputs are not updated. It is mea-
sured with a full-scale code change on the data bus.
FULL-SCALE ERROR is the difference between the actual
output voltage with a full scale code (3FFh) loaded into the
DAC and the value of V
A x 1023 / 1024.
GAIN ERROR is the deviation from the ideal slope of the
transfer function. It can be calculated from Zero and Full-
Scale Errors as GE = FSE - ZE, where GE is Gain error, FSE
is Full-Scale Error and ZE is Zero Error.
GLITCH IMPULSE is the energy injected into the analog
output when the input code to the DAC register changes. It is
specified as the area of the glitch in nanovolt-seconds.
INTEGRAL NON-LINEARITY (INL) is a measure of the
deviation of each individual code from a straight line through
the input to output transfer function. The deviation of any
given code from this straight line is measured from the
center of that code value. The end point method is used. INL
for this product is specified over a limited range, per the
Electrical Tables.
LEAST SIGNIFICANT BIT (LSB) is the bit that has the
smallest value or weight of all bits in a word. This value is
LSB=V
REF /2
n
where V
REF is the supply voltage for this product, and "n" is
the DAC resolution in bits, which is 10 for the DAC101S101.
MAXIMUM LOAD CAPACITANCE is the maximum capaci-
tance that can be driven by the DAC with output stability
maintained.
MONOTONICITY is the condition of being monotonic, where
the DAC has an output that never decreases when the input
code increases.
MOST SIGNIFICANT BIT (MSB) is the bit that has the
largest value or weight of all bits in a word. Its value is 1/2 of
V
A.
POWER EFFICIENCY is the ratio of the output current to the
total supply current. The output current comes from the
power supply. The difference between the supply and output
currents, is the power consumed by the device without a
load.
SETTLING TIME is the time for the output to settle within 1/2
LSB of the final value after the input code is updated.
WAKE-UP TIME is the time for the output to settle to within
1/2 LSB of the final value after the device is commanded to
the active mode from any of the power down modes.
ZERO CODE ERROR is the output error, or voltage, present
at the DAC output after a code of 000h has been entered.
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com