Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1T8825B01-R0B0 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # S1T8825B01-R0B0
Description  1.3GHZ DUAL PLL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1T8825B01-R0B0 Datasheet(HTML) 4 Page - Samsung semiconductor

  S1T8825B01-R0B0 Datasheet HTML 1Page - Samsung semiconductor S1T8825B01-R0B0 Datasheet HTML 2Page - Samsung semiconductor S1T8825B01-R0B0 Datasheet HTML 3Page - Samsung semiconductor S1T8825B01-R0B0 Datasheet HTML 4Page - Samsung semiconductor S1T8825B01-R0B0 Datasheet HTML 5Page - Samsung semiconductor S1T8825B01-R0B0 Datasheet HTML 6Page - Samsung semiconductor S1T8825B01-R0B0 Datasheet HTML 7Page - Samsung semiconductor S1T8825B01-R0B0 Datasheet HTML 8Page - Samsung semiconductor S1T8825B01-R0B0 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
S1T8825B
1.3GHZ DUAL PLL
4
ELECTRICAL CHARACTERISTICS
(Ta = 25
°°°°C, V
CC = 3V, unless otherwise specified)
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Operating power supply
voltage
VCC
Fin1=Fin2= 200MHz — 550MHz
2.2
3.0
5.5
V
Fin1=Fin2= 550MHz — 1.3GHz
2.7
3.0
3.6
V
Operating current
consumption
ICC
Fin1=Fin2=1.3GHz/ -5dBm input
5.5
7.0
9.5
mA
Standby current
ISB
Standby mode
−
010
µA
Fin operating frequency
Fin
Fin1 = Fin2 =
− 5dBm
200
−
1300
MHz
Fin input sensitivity
Fin
Fin1 = Fin2
= 200MHz
Vcc=2.2V
− 15
−
0
dBm
Vcc=3.0V
− 15
−
0
Vcc=5.5V
− 10
−
0
Fin1 = Fin2
= 550MHz
Vcc=2.2V
−15
−
0
Vcc=3.0V
−15
−
0
Vcc=5.5V
− 10
−
0
Fin1 = Fin2
= 1.3GHz
Vcc=2.7V
− 10
−
0
Vcc=3.0V
− 10
−
0
Vcc=3.6V
− 10
−
0
OSCI operating frequency
Fosc
VFin = 0dBm, sinewave
5-
25
MHz
OSCI input voltage
Vosc
fosc = 10MHz
Vcc = 2.2V
− 10
0
5
dBm
Vcc = 3.0V
− 10
0
5
Vcc = 5.5V
- 5
0
5
fosc = 20MHz
Vcc = 2.2V
− 10
0
5
Vcc = 3.0V
− 10
0
5
Vcc = 5.5V
− 50
5
Serial data input high
voltage (CK, DATA, EN)
VIH
VCC = 2.2 to 5.5V
VCC −
0.4
−
-V
Serial data input low voltage
(CK, DATA, EN)
VIL
VCC = 2.2 to 5.5V
−−
0.4
V
Charge pump output
current
ICP1
CP1 = 0, CP2 = 0
VCP = 1.5 V
–
± 1.6
−
mA
ICP2
CP1 = 1, CP2 = 0
VCP = 1.5V
–
± 0.2
−
mA
ICP3
CP1 = 0, CP2 = 1
VCP = 1.5V
−± 0.4
−
mA
ICP4
CP1 = 1, CP2 = 1
VCP = 1.5V
−± 0.8
−
mA
Charge pump leakage
ICPL
Standby mode, Vcp = 1.5V
−1
−+1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com