Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1T8825B01-R0B0 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # S1T8825B01-R0B0
Description  1.3GHZ DUAL PLL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1T8825B01-R0B0 Datasheet(HTML) 1 Page - Samsung semiconductor

  S1T8825B01-R0B0 Datasheet HTML 1Page - Samsung semiconductor S1T8825B01-R0B0 Datasheet HTML 2Page - Samsung semiconductor S1T8825B01-R0B0 Datasheet HTML 3Page - Samsung semiconductor S1T8825B01-R0B0 Datasheet HTML 4Page - Samsung semiconductor S1T8825B01-R0B0 Datasheet HTML 5Page - Samsung semiconductor S1T8825B01-R0B0 Datasheet HTML 6Page - Samsung semiconductor S1T8825B01-R0B0 Datasheet HTML 7Page - Samsung semiconductor S1T8825B01-R0B0 Datasheet HTML 8Page - Samsung semiconductor S1T8825B01-R0B0 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1.3GHZ DUAL PLL
S1T8825B
1
INTRODUCTION
The S1T8825B is a high performance dual frequency synthesizer with
two integrated high frequency pre-scalers for RF operation up to 1.3
GHz.
The S1T8825B is composed of modulus pre-scalers providing 64 and
66, no dead-zone PFD, selectable charge pump current, selectable
power down mode circuits, lock detector output, and loop filter’s time
constant switch.
It is fabricated using the ASP5HB Bi-CMOS process and is available
16-TSSOP with surface mount plastic packaging. Serial data is trans-
ferred into the S1T8825B via three-wire interface (CK, DATA, EN).
FEATURES
•
Two systems for receiver and transmitter
•
Very low operating current consumption: Icc = Typ. 7.0mA @ 3.0V
•
Low operating power supply voltage : 2.2 to 5.5V ( 200MHz to 550MHz Operating )
2.7 to 3.6V ( 550MHz to 1.3GHz Operating )
•
Modulus pre-scaler: 64 / 66
•
No dead-zone PFD
•
Colpitts type local oscillation
•
Selectable charge pump current
•
Selectable power down mode
•
TSSOP 16-pin package (0.65 mm pitch)
ORDERING INFORMATION
+: New Product
APPLICATIONS
•
Cordless telephone systems
•
Portable wireless communications (PCS)
•
Wireless Local Area Networks (WLANs)
•
Other wireless communication systems
Device
Package
Operating Temperature
+S1T8825B01-R0B0
16
−TSSOP−0044
−30 °C to + 85 °C
16
−TSSOP−0044


Similar Part No. - S1T8825B01-R0B0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1T8825 SAMSUNG-S1T8825 Datasheet
120Kb / 16P
1.1GHZ DUAL PLL
S1T8825X01-R0B0 SAMSUNG-S1T8825X01-R0B0 Datasheet
120Kb / 16P
1.1GHZ DUAL PLL
More results

Similar Description - S1T8825B01-R0B0

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA7026 PHILIPS-SA7026 Datasheet
299Kb / 18P
1.3GHz low voltage fractional-N dual frequency synthesizer
1999 Nov 04
logo
Mitel Networks Corporat...
SL2524 MITEL-SL2524 Datasheet
377Kb / 17P
1.3GHz Dual Wideband Logarithmic Amplifier
SP5848 MITEL-SP5848 Datasheet
67Kb / 9P
2.2/1.3GHz 3-Wire Bus Dual Low Phase Noise PLL
logo
Motorola, Inc
MC44802A MOTOROLA-MC44802A Datasheet
467Kb / 7P
PLL Tuning Circuit with 1.3GHz Prescaler
logo
Zarlink Semiconductor I...
SL2524 ZARLINK-SL2524 Datasheet
299Kb / 16P
1.3GHz Dual Wideband Logarithmic Amplifier
SP5848 ZARLINK-SP5848 Datasheet
500Kb / 10P
2.2/1.3GHz 3-Wire Bus Dual Low Phase Noise PLL
logo
Linear Technology
LTC6421-20 LINER-LTC6421-20 Datasheet
264Kb / 16P
Dual Matched 1.3GHz Differential Amplifi ers/ADC Drivers
logo
Linear Integrated Syste...
LTC6421CUDC-20 LINEAR-LTC6421CUDC-20 Datasheet
229Kb / 16P
Dual Matched 1.3GHz Differential Amplifi ers/ADC Drivers
logo
Linear Technology
LTC6421-20 LINER-LTC6421-20_15 Datasheet
251Kb / 16P
Dual Matched 1.3GHz Differential Amplifi ers/ADC Drivers
LTC5591 LINER-LTC5591_15 Datasheet
342Kb / 20P
Dual 1.3GHz to 2.3GHz High Dynamic Range Downconverting Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com