Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1T8825B01-R0B0 Datasheet(PDF) 14 Page - Samsung semiconductor

Part # S1T8825B01-R0B0
Description  1.3GHZ DUAL PLL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1T8825B01-R0B0 Datasheet(HTML) 14 Page - Samsung semiconductor

Back Button S1T8825B01-R0B0 Datasheet HTML 8Page - Samsung semiconductor S1T8825B01-R0B0 Datasheet HTML 9Page - Samsung semiconductor S1T8825B01-R0B0 Datasheet HTML 10Page - Samsung semiconductor S1T8825B01-R0B0 Datasheet HTML 11Page - Samsung semiconductor S1T8825B01-R0B0 Datasheet HTML 12Page - Samsung semiconductor S1T8825B01-R0B0 Datasheet HTML 13Page - Samsung semiconductor S1T8825B01-R0B0 Datasheet HTML 14Page - Samsung semiconductor S1T8825B01-R0B0 Datasheet HTML 15Page - Samsung semiconductor S1T8825B01-R0B0 Datasheet HTML 16Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
S1T8825B
1.3GHZ DUAL PLL
14
SENSITIVITY TEST CIRCUIT
Oscilloscope
RF
Signal Generator
SERIAL
DATA
UNIT
50 ohm
Microstrip
V
CC
51 ohm
1000pF
5 kohm
1
5
6
7
8
Fin1
LD
CK
DATA
EN
OSCI
OSCO
20.945 MHz
VCC
2.15
2.2 V to 5.5 V
10 nF
10 uF
11
10
100p
68p
50p
47p
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com