Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1T8825B01-R0B0 Datasheet(PDF) 13 Page - Samsung semiconductor

Part # S1T8825B01-R0B0
Description  1.3GHZ DUAL PLL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1T8825B01-R0B0 Datasheet(HTML) 13 Page - Samsung semiconductor

Back Button S1T8825B01-R0B0 Datasheet HTML 8Page - Samsung semiconductor S1T8825B01-R0B0 Datasheet HTML 9Page - Samsung semiconductor S1T8825B01-R0B0 Datasheet HTML 10Page - Samsung semiconductor S1T8825B01-R0B0 Datasheet HTML 11Page - Samsung semiconductor S1T8825B01-R0B0 Datasheet HTML 12Page - Samsung semiconductor S1T8825B01-R0B0 Datasheet HTML 13Page - Samsung semiconductor S1T8825B01-R0B0 Datasheet HTML 14Page - Samsung semiconductor S1T8825B01-R0B0 Datasheet HTML 15Page - Samsung semiconductor S1T8825B01-R0B0 Datasheet HTML 16Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
1.3GHZ DUAL PLL
S1T8825B
13
Channel1 and 2 Programmable Counter Division Ratio, N
N = 2
× (32 × B + A), B ≥ A
Division ratio: 192 to 262142
Example) A Signal of 453 MHz is entered into Fin1, and divided into 25 kHz steps.
(Reference frequency is 12.5 kHz)
453 MHz
÷ 12.5 kHz = 36240, N = 2 × (32 × B + A) = 36240 , 32 × B + A =18120
N = 18120
÷ 32 = 566.25, A = 0.25*32 = 8
∴ B = (566)
10 = (1000110110)2, A = (8)10 = (01000)2
Example) A Signal of 462.9 MHz is entered into Fin2, and divided into 25 kHz step.
(Reference frequency is 12.5 kHz)
462.9 MHz
÷ 12.5 kHz = 37032, N = 2 × (32 × B + A) = 37032,
32
× B + A =18516
N = 18516
÷ 32 = 578.625, A = 0.625*32 = 20
∴ B = (578)
10 = (1001000010)2, A = (20)10 = (10100)2
PHASE DETECTOR AND CHARGE PUMP CHARACTERISTICS
Phase difference detection Range: -2
π to +2 π
When SW = Low
Figure 6.
0
LSB
0
0
1
0
0
1
1
0
1
1
0
0
0
1
0
0
1
0
MSB
0
LSB
0
1
0
1
0
1
0
0
0
0
1
0
0
1
0
0
0
1
MSB
f
r
f
p
LD
CP
O
f
r > fp
f
r = fp
f
r < fp
f
r < fp
f
r < fp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com