Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1T8825B01-R0B0 Datasheet(PDF) 10 Page - Samsung semiconductor

Part # S1T8825B01-R0B0
Description  1.3GHZ DUAL PLL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1T8825B01-R0B0 Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button S1T8825B01-R0B0 Datasheet HTML 6Page - Samsung semiconductor S1T8825B01-R0B0 Datasheet HTML 7Page - Samsung semiconductor S1T8825B01-R0B0 Datasheet HTML 8Page - Samsung semiconductor S1T8825B01-R0B0 Datasheet HTML 9Page - Samsung semiconductor S1T8825B01-R0B0 Datasheet HTML 10Page - Samsung semiconductor S1T8825B01-R0B0 Datasheet HTML 11Page - Samsung semiconductor S1T8825B01-R0B0 Datasheet HTML 12Page - Samsung semiconductor S1T8825B01-R0B0 Datasheet HTML 13Page - Samsung semiconductor S1T8825B01-R0B0 Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
S1T8825B
1.3GHZ DUAL PLL
10
FILTER SWITCH CONTROL (SW)
The operation mode of the SW terminal is set by bit “SW”.
SW control is useful for switching the time constant of the loop filter.
Output type of this terminal is an open drain output. High lock mode or normal lock mode can be used, taking
advantage of filter switch control (SW) with the charge pump output current.
When fast lock function can’t be used, normal lock mode is available.
CRYSTAL OSCILLATOR CIRCUIT (OSCI, OSCO) AND BUFFER OUT (BO)
External capacitors C1, C2, C3, and C4 are required to set the proper crystal’s load capacitance and oscillation
frequency as shown in figure 4. The value of the capacitors is dependent on the crystal chosen.
The BO (Pin9) outputs local oscillation signal with buffer amplifier.
This terminal (Pin9) can be applied to the 2nd mixer input
Figure 4.
Control Bits
Operation Mode
(SW and LPF example) The third order LPF
SW
CP1
CP2
00
0
Normal Lock Mode
00
1
01
0
01
1
10
0
High Lock Mode
10
1
11
0
11
1
CP1
SW
GND
R
R
R
OSCI
BO
OSCO
1000pF
C3
C2
C4
C1
2'nd MIX
or OPEN
2'nd MIX
or OPEN
Reference Oscillator
OSCI
OSCO
BO
1000pF
1000pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com