Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1T8825B01-R0B0 Datasheet(PDF) 6 Page - Samsung semiconductor

Part # S1T8825B01-R0B0
Description  1.3GHZ DUAL PLL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1T8825B01-R0B0 Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button S1T8825B01-R0B0 Datasheet HTML 2Page - Samsung semiconductor S1T8825B01-R0B0 Datasheet HTML 3Page - Samsung semiconductor S1T8825B01-R0B0 Datasheet HTML 4Page - Samsung semiconductor S1T8825B01-R0B0 Datasheet HTML 5Page - Samsung semiconductor S1T8825B01-R0B0 Datasheet HTML 6Page - Samsung semiconductor S1T8825B01-R0B0 Datasheet HTML 7Page - Samsung semiconductor S1T8825B01-R0B0 Datasheet HTML 8Page - Samsung semiconductor S1T8825B01-R0B0 Datasheet HTML 9Page - Samsung semiconductor S1T8825B01-R0B0 Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
S1T8825B
1.3GHZ DUAL PLL
6
CONTROL LATCH
The control register executes the following functions:
•
Mode selection (H: test mode, L: normal mode)
•
Charge pump’s polarity and output current selection for each channel.
•
Output state selection for Lock Detector.
•
Standby control of each channel and reference divider.
•
ON / OFF control in filter switch.
Figure 2.
Bit
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
Name
T
CP
CP1
CP2
SB1
CP1
CP2
Description
test mode
charge
pump
output
polarity
channel 1
charge
pump
output
current
channel 1
charge
pump
output
current
channel 1
standby
channel 2
charge
pump
output
current
channel 2
charge
pump
output
current
Bit
Bit 8
Bit 9
Bit 10
Bit 11
Bit 12
Bit 13
Bit 14
Name
SB2
SBR
LD1
LD2
SW
GC2
GC1
Description
channel 2
standby
reference
divider
standby
lock
detector
control 1
lock
detector
control 2
filter switch
group code
“0”
group code
“0”
T
CP
CP1
CP2
CP1
SB1
SB2
CP2
SBR
LD1
LD2
SW
GC2
"0"
GC1
"0"
MSB
Group Code
CH1
CH2
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com