Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S1T8825B01-R0B0 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # S1T8825B01-R0B0
Description  1.3GHZ DUAL PLL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1T8825B01-R0B0 Datasheet(HTML) 3 Page - Samsung semiconductor

  S1T8825B01-R0B0 Datasheet HTML 1Page - Samsung semiconductor S1T8825B01-R0B0 Datasheet HTML 2Page - Samsung semiconductor S1T8825B01-R0B0 Datasheet HTML 3Page - Samsung semiconductor S1T8825B01-R0B0 Datasheet HTML 4Page - Samsung semiconductor S1T8825B01-R0B0 Datasheet HTML 5Page - Samsung semiconductor S1T8825B01-R0B0 Datasheet HTML 6Page - Samsung semiconductor S1T8825B01-R0B0 Datasheet HTML 7Page - Samsung semiconductor S1T8825B01-R0B0 Datasheet HTML 8Page - Samsung semiconductor S1T8825B01-R0B0 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
1.3GHZ DUAL PLL
S1T8825B
3
PIN DESCRIPTION
ABSOLUTE MAXIMUM RATINGS
Pin No.
Symbol
I/O
Description
1
Fin1
I
Input terminal of channel 1 RF signal.
2, 15
Vcc
−
Power supply voltage input. PIN2 and PIN15 are connected together.
3
CP1
O
Output terminal of channel 1 charge pump. Charge pump is constant current output
circuit, and output current is selected by input serial data.
4, 13
GND
−
Terminal of GND. PIN4 and PIN13 are connected together.
5
LD
O
Output terminal of lock detection. It is the open drain output.
6
CK
I
Input terminal of clock.
7
DATA
I
Input terminal of data.
8
EN
I
Input terminal of enable signal.
9
BO
O
Output terminal of buffer amplifier. The signal of local oscillation is output through the
buffer amplifier.
10
OSCO
O
Output terminal of local oscillation signal.
11
OSCI
I
Input terminal of local oscillation signal.
In case of external input, connecting it to this terminal.
12
SW
O
Switch-over terminal for the time constant of loop filter. It is an open drain output.
If you don’t switch the time constant of loop filter, general output is available.
14
CP2
O
Output terminal of channel 2 charge pump. Charge pump is a constant current output
circuit, and the output current is selected by input serial data.
16
Fin2
I
Input terminal of channel 2 RF signal.
Characteristic
Symbol
Value
Unit
Power Supply Voltage
Vcc
6
V
Power Dissipation
PD
600
mW
Operating temperature
TOPR
−30 to + 85
°C
Storage temperature
TSTG
−55 to +150
°C
Take care ! ESD sensitive device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com