Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3203 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC3203
Description  3A EcoSpeed짰 Step-Down Regulator with Power Save
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC3203 Datasheet(HTML) 3 Page - Semtech Corporation

  SC3203 Datasheet HTML 1Page - Semtech Corporation SC3203 Datasheet HTML 2Page - Semtech Corporation SC3203 Datasheet HTML 3Page - Semtech Corporation SC3203 Datasheet HTML 4Page - Semtech Corporation SC3203 Datasheet HTML 5Page - Semtech Corporation SC3203 Datasheet HTML 6Page - Semtech Corporation SC3203 Datasheet HTML 7Page - Semtech Corporation SC3203 Datasheet HTML 8Page - Semtech Corporation SC3203 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
SC3203
3
Absolute Maximum Ratings
LX to PGND (V). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +18
EN to PGND (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +18
VIN to PGND (V). . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +18
BST to LX (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +6.0
BST to PGND (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +23
BYP to PGND (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3to+6.0
PGOOD to AGND (V) . . . . . . . . . . . . . . . . . . . . . . . . . -0.3to+6.0
VFB to AGND (V) . . . . . . . . . . . . . . . . . . . . . . . -0.3 to BYP +0.3
AGND to PGND (V) . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to 0.3
Maximum Peak Inductor Current (A) . . . . . . . . . . . . . . . . . 5.0
Peak IR Reflow Temperature (°C ). . . . . . . . . . . . . . . . . . . . . 260
BST to LX Capacitance (nF) . . . . . . . . . . . . . . . . . . . . . . . . . . ..15
ESD Protection Level (kV)(1) . . . . . . . . . . . . . . . . . . . . . . . . . . 5kV
Recommended Operating Conditions
Supply Input Voltage (V) . . . . . . . . . . . . . . . . . . . . . . . 9 to 16
Maximum Continuous Output Current (A). . . . . . . . . . . . 3.0
Maximum Peak Inductor Current (A) . . . . . . . . . . . . . . . 4.0
Thermal Information
Storage Temperature (°C ) . . . . . . . . . . . . . . . . . . -60 to +150
Maximum Junction Temperature (°C ). . . . . . . . . . . . . . . . 150
Operating Junction Temperature (°C ). . . . . . . -40 to +125
Thermal Resistance Junction to Ambient(2) (°C/W ). . . . .36
Thermal Resistance Junction to Case(2) (°C/W ). . . . . . . .5.5
Exceeding the above specifications may result in permanent damage to the device or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not recommended.
NOTES:
(1) Tested according to JEDEC standard JESD22-A114-B.
(2) Calculated from package in still air, mounted to 3 x 4.5 (in), 4 layer FR4 PCB with thermal vias under the exposed pad per JESD51 standards.
Electrical Characteristics
Unless specified: V
IN =12V, TA=+25°C for Typ, -40°C to +85°C for Min and Max, TJ < 125°C, per detailed application circuit
Parameter
Conditions
Min
Typ
Max
Units
Input Supply
VIN UVLO Threshold
VIN rising edge, EN = VIN
4.40
4.55
V
Hysteresis, EN = VIN
0.30
V
VIN Supply Current
V
EN = 0V
10
μA
No switching, I
OUT = 0A, VFB 5% higher than
the VFB On-time Threshold
0.35
mA
Controller
VFB On-Time Threshold Accuracy
736
750
766
mV
VFB Input Bias Current
0.2
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com