Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3203 Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC3203
Description  3A EcoSpeed짰 Step-Down Regulator with Power Save
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC3203 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC3203 Datasheet HTML 10Page - Semtech Corporation SC3203 Datasheet HTML 11Page - Semtech Corporation SC3203 Datasheet HTML 12Page - Semtech Corporation SC3203 Datasheet HTML 13Page - Semtech Corporation SC3203 Datasheet HTML 14Page - Semtech Corporation SC3203 Datasheet HTML 15Page - Semtech Corporation SC3203 Datasheet HTML 16Page - Semtech Corporation SC3203 Datasheet HTML 17Page - Semtech Corporation SC3203 Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
SC3203
14
Smart Power Save Protection
Loads or circuits which are connected to more than one
DC source may leak current from a higher voltage into a
lower voltage. If the SC3203 provides the lower voltage
and is operating in PSave mode, this leakage can cause
V
OUT to slowly rise during the dead-time when both
mosfets are off. If the leakage is high it can drive V
OUT up
to the over-voltage threshold, resulting in a shutdown.
Smart power save prevents this condition. When the FB
pin exceeds 10% above nominal (exceeds 825mV), the
device immediately disables power-save and turns on the
low-side mosfet. This draws current from V
OUT through the
inductor and causes V
OUT to fall. When VFB drops back to
the 750mV trip point, a normal on-time switching cycle
begins. Typically the device will return to normal power-
save operation.
This method prevents a hard OVP shutdown and also
cycles energy from V
OUT back to VIN. Figure 5 shows typical
Smart PSave operation.
FB threshold
LX
VOUT and VFB rise due to leakage
current flowing into COUT
LX drives low (PGND)
when Sm art PSAVE
threshold is reached
Sm art Power Save
Threshold (825m V)
Single LX on-tim e pulse
when FB reaches FB
threshold
VOUT discharges via inductor
through LX to PGND.
Norm al VOUT ripple
LX drives low (PGND)
after LX on-tim e and
returns to Power Save
LX tri-stated
Figure 5 — Smart Power Save
Current Limit Protection
Current limiting is accomplished by sensing the low-side
mosfet current. If this mosfet current exceeds the Current
Limit value (typically 3.75A), the mosfet is kept on. The
controller will not allow another high-side on-time until the
current in the low-side mosfet falls to 3.75A. This method
controls the inductor valley current as shown by ILIM in
Figure 6.
Applications Information (continued)
Time
IPEAK
ILOAD
ILIM
Figure 6 — Valley Current Limit
Enable Input and VIN UVLO
The EN input is used to enable or disable the switch-
ing regulator. The EN pin has two thresholds. The first
threshold at typically 1V activates the internal LDO. The
second threshold at 1.5V turns on the switcher.
The EN input also features a programmable input Under-
Voltage Lockout (VIN UVLO). A resistor divider to the
EN pin allows the user to select a VIN point at which the
switcher will turn off. The EN circuit is shown in Figure 7.
R2
R1
VIN
EN
REN
1.5VREF
O n/O ff
Hysteresis
100m V
EN
Com parator
Figure 7 — Enable Input Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com