Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3203 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC3203
Description  3A EcoSpeed짰 Step-Down Regulator with Power Save
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC3203 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC3203 Datasheet HTML 6Page - Semtech Corporation SC3203 Datasheet HTML 7Page - Semtech Corporation SC3203 Datasheet HTML 8Page - Semtech Corporation SC3203 Datasheet HTML 9Page - Semtech Corporation SC3203 Datasheet HTML 10Page - Semtech Corporation SC3203 Datasheet HTML 11Page - Semtech Corporation SC3203 Datasheet HTML 12Page - Semtech Corporation SC3203 Datasheet HTML 13Page - Semtech Corporation SC3203 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
SC3203
10
Pin Descriptions
Pin #
Pin Name
Pin Function
1
EN
Enable input for switching regulator —Pull EN high to enable the LDO and PWM. Connect to PGND to disable
the PWM. Connect a resistor divider from VIN to program the external VIN Under-voltage threshold.
2
BST
Boost Supply pin — Connect a 10nF capacitor between BST and LX to develop the floating voltage for the
high-side gate drive.
3
LX
Switching (phase) node. LX is also the sense point for the Zero Current Detector.
4
VIN
Power input for the High Side Mosfet and for the input to the LDO. VIN is the also sense point for the internal
VIN Under-voltage Lockout and the VIN input for the On-time Generator.
5
AGND
Ground for the internal analog circuitry. Connect this directly to the PAD for the PGND connection.
6
BYP
Bypass pin for the internal 5V LDO which supplies bias voltage for the analog and gate drive circuits— A 1uF
decoupling capacitor is required — The LDO is enabled when the EN pin exceeds typically 1V.
7
PGOOD
Open-drain Power Good output.
8
VFB
Feedback input — Connect this pin to a resistor/capacitor divider between the output voltage and AGND.
See the Table on the Typical Application Circuit for recommended values.
PAD
PGND
Power ground connection. PAD is ground for the power circuits of the IC. The PGND pad should connect
directly to the AGND pin, see Layout Guidelines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com