Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3203 Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC3203
Description  3A EcoSpeed짰 Step-Down Regulator with Power Save
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC3203 Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC3203 Datasheet HTML 11Page - Semtech Corporation SC3203 Datasheet HTML 12Page - Semtech Corporation SC3203 Datasheet HTML 13Page - Semtech Corporation SC3203 Datasheet HTML 14Page - Semtech Corporation SC3203 Datasheet HTML 15Page - Semtech Corporation SC3203 Datasheet HTML 16Page - Semtech Corporation SC3203 Datasheet HTML 17Page - Semtech Corporation SC3203 Datasheet HTML 18Page - Semtech Corporation SC3203 Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
SC3203
15
Applications Information (continued)
When the EN input is below 1.5V, the switcher is off.
mosfet Q1 is on and resistor REN is connected to the EN
pin. When the EN pin reaches 1.5V, the comparator out-
put drives high and the switcher is enabled. mosfet Q1
is then switched off, removing R
EN from the circuit which
immediately raises the voltage at the EN pin and pro-
vides VIN hysteresis. An additional hysteresis of 100mV is
provided internally at the comparator input.
The equations for selecting the VIN_ON and VIN_OFF
thresholds are shown below. Note that R
EN has a typical
value of 810kΩ and tolerance of +/- 20%.
Soft Start of PWM Regulator
Soft start is achieved in the PWM regulator by ramping
the internal FB Comparator reference from zero to 750mV.
When the ramp voltage reaches 750mV, the ramp is
ignored and the FB comparator switches over to a fixed
750mV threshold. During soft start the FB pin follows the
internal ramp, which limits the start-up inrush current
and provides a controlled soft start profile for a wide
range of applications. Typical soft start ramp time is
1.8msec.
During soft start the regulator turns off the low-side
mosfet during any cycle if the inductor current falls to
zero. This prevents negative inductor current, allowing the
device to start into a pre-biased output with negligible
drooping on the output.
Power Good Output
The Power Good (PGood) output is an open-drain indica-
tor. The output is open (high impedance) when the
output is within normal regulation. During startup the
PGood output is held low at AGND while the output
ramps up. If the output reaches normal levels, the PGood
output will switch to high (open circuit) typically 3.3msec
after the EN pin drives high to begin a soft start cycle.
On startup, the FB rising edge threshold for PGood is
750mV -10% (675mV). Once PGood drives high, the FB
pin must fall to 750mV -15% (638mV) before the PGood
output will drive low.
Output Over-Voltage Protection
OVP (Over-Voltage Protection) becomes active as soon as
the switcher is enabled. The OVP threshold is set at 750mV
+ 20% (900mV). When the FB pin exceeds the 900mV the
low-side mosfet turns on. It will remain on while the low-
side current is negative (remain on while current flows out
of the LX pin). When the low-side current reaches zero or
becomes positive (current into the LX pin), the low-side
mosfet turns off and the LX pin is tri-stated. LX remains
tri-stated until the FB pin falls below the 750mV +15%
(863mV), which starts the Hiccup Mode timer and forces a
32msec delay before a new soft start cycle begins.
The PGOOD output also drives low when the FB pin
exceeds the OVP threshold.
Output Under-Voltage Protection
When the FB pin falls to 75% of its nominal voltage (falls
to 563mV) for eight consecutive clock cycles, the mosfets
are turned off and the controller enters Hiccup Mode
operation. Under-Voltage faults are normally caused by
an output overload; the controller will automatically
recover on the next soft start cycle after the overload is
removed.
Over-Temperature Protection
If the internal temperature rises to 160°C the device will
shut down. The device remains off until the temperature
drops to 150°C, which starts the Hiccup Mode timer and
forces a 32msec delay before a new soft start cycle
begins.
Hiccup Mode (Automatic Fault Recovery)
The SC3203 includes Hiccup Mode fault protection. If the
switcher output shuts down due to a fault condition, the
device remains off until the fault condition is removed,
which begins the 32ms Hiccup Mode timer. After 32msec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com