Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3203 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC3203
Description  3A EcoSpeed짰 Step-Down Regulator with Power Save
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC3203 Datasheet(HTML) 4 Page - Semtech Corporation

  SC3203 Datasheet HTML 1Page - Semtech Corporation SC3203 Datasheet HTML 2Page - Semtech Corporation SC3203 Datasheet HTML 3Page - Semtech Corporation SC3203 Datasheet HTML 4Page - Semtech Corporation SC3203 Datasheet HTML 5Page - Semtech Corporation SC3203 Datasheet HTML 6Page - Semtech Corporation SC3203 Datasheet HTML 7Page - Semtech Corporation SC3203 Datasheet HTML 8Page - Semtech Corporation SC3203 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
SC3203
4
Parameter
Conditions
Min
Typ
Max
Units
Timing
On-time accuracy
VIN = 12V, VOUT = 3.3V
476
560
644
ns
Minimum Off-Time
260
ns
Automatic Restart Cycle Time
32
ms
Soft start
Soft start Time
From PWM Switching to Output Regulation
1.8
ms
Current Sense
Zero-Crossing Detector Threshold
LX - PGND
-10
0
+10
mV
Fault Protection
Output Under-Voltage Threshold
VFB with respect to nominal,
8 Consecutive Switching Cycles
75
%V
REF
Output Over-Voltage Threshold
VFB with respect to nominal
120
%V
REF
Smart PowerSave Protection Threshold
VFB with respect to nominal
110
%V
REF
OV, UV Fault Noise Immunity Delay
2.5
μs
Over-Temperature Shutdown
160
°C
PGOOD Output
PGOOD Startup Delay Time
From EN rising edge to PGOOD high
3.3
ms
PGOOD Under-voltage Threshold
FB rising edge
90
%
FB falling edge
85
%
PGOOD Over-voltage Threshold
FB rising edge
120
%
Enable Input(1)
EN Input Logic High Threshold (V
EN_BYP)
VIN = 12V; EN rising edge; BYP on; Switcher off
1.0
V
EN Input Logic High Threshold (V
EN_ON)
VIN = 12V; EN rising edge; BYP on, Switcher on
1.5
V
EN Input Voltage Hysteresis
Hysteresis at V
EN_ON threshold
100
mV
EN Input Current Hysteresis
Hysteresis at V
EN_ON threshold
1.75
μA
EN Input Bias Current
V
EN = 12V
-1
10
μA
EN Input Resistance
EN < V
EN_ON Threshold; EN rising edge
810
kΩ
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com