Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3203 Datasheet(PDF) 17 Page - Semtech Corporation

Part # SC3203
Description  3A EcoSpeed짰 Step-Down Regulator with Power Save
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC3203 Datasheet(HTML) 17 Page - Semtech Corporation

Back Button SC3203 Datasheet HTML 12Page - Semtech Corporation SC3203 Datasheet HTML 13Page - Semtech Corporation SC3203 Datasheet HTML 14Page - Semtech Corporation SC3203 Datasheet HTML 15Page - Semtech Corporation SC3203 Datasheet HTML 16Page - Semtech Corporation SC3203 Datasheet HTML 17Page - Semtech Corporation SC3203 Datasheet HTML 18Page - Semtech Corporation SC3203 Datasheet HTML 19Page - Semtech Corporation SC3203 Datasheet HTML 20Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
SC3203
17
PCB Layout Guidelines
The optimum layout for the SC3203 is shown in Figure 12.
This layout shows an integrated mosfet buck regulator
with a maximum current of 3A. The total PCB area is
approximately 19.1mm x 11.3mm.
The VIN capacitor should be located immediately
next to the VIN and PGND pins, and mounted on
the same side of the pcb. Use wide traces or
copper areas to connect between the capacitor
and the IC pins.
Place the inductor near the LX pin and route
directly to the pin using wide, short traces.
A 1μF BYP capacitor should be located at and
directly connected to the BYP and AGND pins,
and mounted on the same side of the pcb.
A 0.01 μF Boost capacitor should be located at
and directly connected to the BST and LX pins,
and mounted on the same side of the pcb.
Using the placement shown below, the power
Ground plane can be a solid area that directly
connects the ground points for CIN, COUT, the
PGND PAD, and AGND pin.
•
•
•
•
•
Figure 12 — PCB Layout
Connect the AGND pin directly to the PGND pad.
For the RBOT connection to ground, route this to
the AGND pin while avoiding the high-noise
current path between CIN, the PGND PAD, and
COUT.
The FB trace and FB components should not be
placed or routed near the high-noise switching
nodes (LX, BST, VIN). Do not route FB traces
under or near the inductor: magnetic fields from
the inductor can induce switching noise into the
FB signal and cause erratic operation.
•
•
EN trace, 2nd layer
PGOOD trace, 2nd layer
FB trace for VOUT sense
2nd layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com