Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC3203 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC3203
Description  3A EcoSpeed짰 Step-Down Regulator with Power Save
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC3203 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC3203 Datasheet HTML 3Page - Semtech Corporation SC3203 Datasheet HTML 4Page - Semtech Corporation SC3203 Datasheet HTML 5Page - Semtech Corporation SC3203 Datasheet HTML 6Page - Semtech Corporation SC3203 Datasheet HTML 7Page - Semtech Corporation SC3203 Datasheet HTML 8Page - Semtech Corporation SC3203 Datasheet HTML 9Page - Semtech Corporation SC3203 Datasheet HTML 10Page - Semtech Corporation SC3203 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
SC3203
7
Typical Characteristics
Switching Frequency vs Load - 1V, 1.5V, 1.8V
0
50
100
150
200
250
300
350
400
450
500
550
600
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Load (A)
1V
1.5V
1.8V
Load Regulation - 1V, 1.5V, 1.8V output
-2.0%
-1.5%
-1.0%
-0.5%
0.0%
0.5%
1.0%
1.5%
2.0%
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Load (A)
1V
1.5V
1.8V
Efficiency vs Load — 2.5V, 3.3V, 5V output
20
30
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Load (A)
2.5V
3.3V
5V
Load Regulation - 2.5V, 3.3V, 5V output
-2.0%
-1.5%
-1.0%
-0.5%
0.0%
0.5%
1.0%
1.5%
2.0%
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Load (A)
2.5V
3.3V
5V
Switching Frequency vs Load - 2.5V, 3.3V, 5V
0
50
100
150
200
250
300
350
400
450
500
550
600
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Load (A)
2.5V
3.3V
5V
V
IN = 12V
V
IN = 12V
V
IN = 12V
V
IN = 12V
V
IN = 12V
V
IN = 12V
Efficiency vs Load — 1V, 1.5V, 1.8V output
20
30
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Load (A)
1V
1.5V
1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com