Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2000AI Datasheet(PDF) 123 Page - Texas Instruments

Part # XIO2000AI
Description  PCI Express to PCI Bus Translation Bridge
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XIO2000AI Datasheet(HTML) 123 Page - Texas Instruments

Back Button XIO2000AI Datasheet HTML 119Page - Texas Instruments XIO2000AI Datasheet HTML 120Page - Texas Instruments XIO2000AI Datasheet HTML 121Page - Texas Instruments XIO2000AI Datasheet HTML 122Page - Texas Instruments XIO2000AI Datasheet HTML 123Page - Texas Instruments XIO2000AI Datasheet HTML 124Page - Texas Instruments XIO2000AI Datasheet HTML 125Page - Texas Instruments XIO2000AI Datasheet HTML 126Page - Texas Instruments XIO2000AI Datasheet HTML 127Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 160 page
background image
PCI Express Extended Configuration Space
114
April 2007 Revised October 2008
SCPS155C
5.23 VC Resource Status Register (VC0)
The VC resource status register allows software to monitor the status of the port arbitration table for this VC.
See Table 5−19 for a complete description of the register contents.
PCI Express extended register offset:
16Ah
Register type:
Read-only
Default value:
0000h
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 5−19. VC Resource Status Register (VC0) Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
15:2
RSVD
R
Reserved. Returns 00 0000 0000 0000b when read.
1
VC_PENDING
RU
VC negotiation pending. This bit is asserted when VC negotiation is in progress following
a request by software to enable or disable the VC or at startup for VC0.
0
PORT_TABLE_STATUS
RU
Port arbitration table status. This bit is automatically set by hardware when any
modification is made to the port arbitration table entries for this VC within the extended
configuration space. This bit is cleared by hardware after software has requested a port
arbitration table refresh and the refresh has been completed.
5.24 VC Resource Capability Register (VC1)
The VC resource capability register for VC1 provides information to software regarding the port and arbitration
schemes supported by the bridge. See Table 5−20 for a complete description of the register contents.
PCI Express extended register offset:
16Ch
Register type:
Read-only
Default value:
077F 0011h
BIT NUMBER
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
RESET STATE
0
0
0
0
0
1
1
1
0
1
1
1
1
1
1
1
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
1
0
0
0
1
Table 5−20. VC Resource Capability Register (VC1) Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:24
PORT_ARB_
TBL_OFFSET
R
Port arbitration table offset. This read-only field returns the value 07h to indicate that the port
arbitration table for this VC begins 112 bytes from the top of the VC capability structure.
23
RSVD
R
Reserved. Returns 0b when read.
22:16
MAX_TIME_
SLOTS
R
Maximum time slots. The read-only field returns the value 111 1111b to indicate that all 128 slots
are supported for time-based WRR.
15
REJECT_
SNOOP
R
Reject snoop transactions. This bit only has meaningful context for root ports; therefore, returns 0b
when read.
14
ADV_
SWITCHING
R
Advanced packet switching. This read-only bit returns the value 0b to indicate that the use of this
VC is not limited to AS traffic.
13:8
RSVD
R
Reserved. Return 00 0000b when read.
7:0
PORT_
ARB_CAP
R
Port arbitration capability. This 8-bit encoded field indicates support for the various schemes that
are supported for port (secondary PCI device) arbitration. The field is encoded as follows:
Bit 0 = Hardware fixed arbitration (round-robin)
Bit 1 = WRR with 32 phases
Bit 2 = WRR with 64 phases
Bit 3 = WRR with 128 phases
Bit 4 = Time-based WRR with 128 phases
Bit 5 = WRR with 256 phases
Bits 6 and 7 = Reserved
The returned value of 11h indicates that hardware-fixed round-robin and time-based WRR with
128 phases are both supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com