Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2000AI Datasheet(PDF) 124 Page - Texas Instruments

Part # XIO2000AI
Description  PCI Express to PCI Bus Translation Bridge
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XIO2000AI Datasheet(HTML) 124 Page - Texas Instruments

Back Button XIO2000AI Datasheet HTML 120Page - Texas Instruments XIO2000AI Datasheet HTML 121Page - Texas Instruments XIO2000AI Datasheet HTML 122Page - Texas Instruments XIO2000AI Datasheet HTML 123Page - Texas Instruments XIO2000AI Datasheet HTML 124Page - Texas Instruments XIO2000AI Datasheet HTML 125Page - Texas Instruments XIO2000AI Datasheet HTML 126Page - Texas Instruments XIO2000AI Datasheet HTML 127Page - Texas Instruments XIO2000AI Datasheet HTML 128Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 160 page
background image
PCI Express Extended Configuration Space
115
April 2007 Revised October 2008
SCPS155C
5.25 VC Resource Control Register (VC1)
The VC resource control register for VC1 allows software to control the second VC and associated port and
arbitration schemes supported by the bridge. See Table 5−21 for a complete description of the register
contents.
PCI Express extended register offset:
170h
Register type:
Read-only, Read/Write
Default value:
0100 0000h
BIT NUMBER
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
RESET STATE
0
0
0
0
0
0
0
1
0
0
0
0
0
0
0
0
BIT NUMBER
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET STATE
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 5−21. VC Resource Control Register (VC1) Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31
VC_EN
RW
VC enable. This bit is used by software to enable this VC resource. Writing a 1b to this bit causes
the bridge to begin VC negotiation and set bit 1 (VC_PENDING) in the VC resource status register
for this VC (offset 176h, see Section 5.26). The default value for this bit is 0b.
30:27
RSVD
R
Reserved. Returns 0h when read.
26:24
VC_ID
RW
Virtual channel ID. This field allows software to assign a VC ID to this VC resource. Valid values
range from 001b to 111b, because the value 000b is hardware-fixed to VC0 within the device. The
default value for this field is 001b.
23:20
RSVD
R
Reserved. Returns 0h when read.
19:17
PORT_ARB
_SELECT
RW
Port arbitration select. This read/write field allows software to define the mechanism used for port
arbitration by the bridge on this VC. The value written to this field indicates the bit position within
bits 7:0 (PORT_ARB_CAP) in the VC resource capability register for this VC (offset 16Ch, see
Section 5.24) that corresponds to the selected arbitration scheme. Values that may be written to
this field include:
000 = Hardware-fixed round-robin (default)
100 = Time-based WRR with 128 phases
All other values are reserved for arbitrations schemes that are not supported by the bridge.
16
LOAD_PORT
_TABLE
RW
Load port arbitration table. When software writes a 1b to this bit, the bridge applies the values
written in the port arbitration table for this VC within the extended configuration space to the actual
port arbitration tables used by the device for arbitration on this VC. This bit always returns 0b when
read.
15:8
RSVD
R
Reserved. Returns 00h when read.
7:0
TC_VC_MAP
RW
TC/VC map. This field indicates all of the traffic classes that are mapped to this VC. A 1b in any bit
position indicates that the corresponding traffic class is enabled for this VC. A 0b indicates that the
corresponding traffic class is mapped to a different VC. The following table is used:
Bit 0 = Traffic class 0 (This bit is read only and returns a value of 0b)
Bit 1 = Traffic class 1
Bit 2 = Traffic class 2
Bit 3 = Traffic class 3
Bit 4 = Traffic class 4
Bit 5 = Traffic class 5
Bit 6 = Traffic class 6
Bit 7 = Traffic class 7
The default value of 00h indicates that none of the eight traffic classes are initially mapped to this
VC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com