Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1701 Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP1701
Description  2uA Low Dropoout Positive Voltage Refulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1701 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP1701 Datasheet HTML 2Page - Microchip Technology MCP1701 Datasheet HTML 3Page - Microchip Technology MCP1701 Datasheet HTML 4Page - Microchip Technology MCP1701 Datasheet HTML 5Page - Microchip Technology MCP1701 Datasheet HTML 6Page - Microchip Technology MCP1701 Datasheet HTML 7Page - Microchip Technology MCP1701 Datasheet HTML 8Page - Microchip Technology MCP1701 Datasheet HTML 9Page - Microchip Technology MCP1701 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
MCP1701
DS21874A-page 6
 2004 Microchip Technology Inc.
Note: Unless otherwise indicated, VOUT = 1.8V, 3.0V, 5.0V, TA = +25°C, CIN = 1 µF Tantalum, COUT = 1 µF Tantalum.
FIGURE 2-7:
Output Voltage vs. Input
Voltage (VR = 1.8V).
FIGURE 2-8:
Output Voltage vs. Input
Voltage (VR = 3.0V).
FIGURE 2-9:
Output Voltage vs. Input
Voltage (VR = 5.0V).
FIGURE 2-10:
Output Voltage vs. Load
Current (VR = 1.8V).
FIGURE 2-11:
Output Voltage vs. Load
Current (VR = 3.0V).
FIGURE 2-12:
Output Voltage vs. Load
Current (VR = 5.0V).
1.78
1.79
1.80
1.81
1.82
1.83
1.84
1.85
23
456789
10
Input Voltage (V)
+85°C
+25°C
-40°C
IOUT = 0.1 mA
0°C
2.97
2.98
2.99
3.00
3.01
3.02
3.03
3.04
3.05
4.0
5.0
6.0
7.0
8.0
9.0
10.0
Input Voltage (V)
+25°C
+85°C
0°C
-40°C
IOUT = 0.1 mA
4.96
4.97
4.98
4.99
5.00
5.01
5.02
5.03
5.04
5.05
5.06
5.07
5.08
5.09
5.10
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
Input Voltage (V)
-40°C
+85°C
+25°C
IOUT = 0.1 mA
0°C
1.77
1.78
1.79
1.80
1.81
1.82
1.83
0
10203040
506070
8090
Load Current (mA)
+85°C
-40°C
0°C
VIN = 2.8V
+25°C
2.94
2.96
2.98
3.00
3.02
3.04
3.06
0
153045
607590
105 120 135 150
Load Current (mA)
-40°C
+85°C
0°C
VIN = 4.0V
+25°C
4.93
4.95
4.97
4.99
5.01
5.03
5.05
5.07
0
25
50
75
100 125 150 175 200 225 250
Load Current (mA)
-40°C
+25°C
0°C
+85°C
VIN = 6.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com