Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1701 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP1701
Description  2uA Low Dropoout Positive Voltage Refulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1701 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP1701 Datasheet HTML 7Page - Microchip Technology MCP1701 Datasheet HTML 8Page - Microchip Technology MCP1701 Datasheet HTML 9Page - Microchip Technology MCP1701 Datasheet HTML 10Page - Microchip Technology MCP1701 Datasheet HTML 11Page - Microchip Technology MCP1701 Datasheet HTML 12Page - Microchip Technology MCP1701 Datasheet HTML 13Page - Microchip Technology MCP1701 Datasheet HTML 14Page - Microchip Technology MCP1701 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
 2004 Microchip Technology Inc.
DS21874A-page 11
MCP1701
5.0
THERMAL CONSIDERATIONS
5.1
Power Dissipation
The amount of power dissipated internal to the LDO
linear regulator is the sum of the power dissipation
within the linear pass device (P-channel MOSFET) and
the quiescent current required to bias the internal refer-
ence and error amplifier. The internal linear pass
device power dissipation is calculated as shown in
Equation 5-1.
EQUATION 5-1:
The internal power dissipation, which is due to the bias
current for the LDO internal reference and error ampli-
fier, is calculated as shown in Equation 5-2.
EQUATION 5-2:
The total internal power dissipation is the sum of PD
(Pass Device) and PD (Bias).
EQUATION 5-3:
For the MCP1701, the internal quiescent bias current is
so low (2 µA, typical) that the PD (Bias) term of the
power dissipation equation can be ignored. The
maximum power dissipation can be estimated by using
the maximum input voltage and the minimum output
voltage to obtain a maximum voltage differential
between input and output. The next step would be to
multiply the maximum voltage differential by the
maximum output current.
EQUATION 5-4:
To determine the junction temperature of the device, the
thermal resistance from junction-to-ambient must be
known. The 3-pin SOT-23 thermal resistance from
junction-to-air (RθJA) is estimated to be approximately
335°C/W. The SOT-89 RθJA is estimated to be
approximately 52°C/W when mounted on 1 square inch
of copper. For the TO-92, RθJA is estimated to be
131.9°C/W. The RθJA will vary with physical layout,
airflow and other application-specific conditions.
The device junction temperature is determined by
calculating the junction temperature rise above
ambient, then adding the rise to the ambient
temperature.
EQUATION 5-5:
JUNCTION
TEMPERATURE - SOT-23
EXAMPLE:
EQUATION 5-6:
JUNCTION
TEMPERATURE - SOT-89
EXAMPLE:
EQUATION 5-7:
JUNCTION
TEMPERATURE - TO-92
EXAMPLE:
PD (Pass Device) = (VIN – VOUT) x IOUT
PD (Bias) = VIN x IGND
PTOTAL = PD (Pass Device) + PD (Bias)
PD = (VINMAX – VOUTMIN) x IOUTMAX
Given:
VIN = 3.3V to 4.1V
VOUT =3.0V ± 2%
IOUT = 1 mA to 100 mA
TAMAX = 55°C
PMAX = (4.1V – (3.0V x 0.98)) x 100 mA
PMAX = 116.0 milliwatts
TJ
PDMAX RθJA TA
+
×
=
TJ
116.0 milliwatts
335°C/W 55°C
+
×
=
TJ
93.9°C
=
TJ
116.0 milliwatts
52°C/W 55°C
+
×
=
TJ
61°C
=
TJ
116.0 milliwatts
131.9°C/W 55°C
+
×
=
TJ
70.3°C
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com