Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1701 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP1701
Description  2uA Low Dropoout Positive Voltage Refulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1701 Datasheet(HTML) 1 Page - Microchip Technology

  MCP1701 Datasheet HTML 1Page - Microchip Technology MCP1701 Datasheet HTML 2Page - Microchip Technology MCP1701 Datasheet HTML 3Page - Microchip Technology MCP1701 Datasheet HTML 4Page - Microchip Technology MCP1701 Datasheet HTML 5Page - Microchip Technology MCP1701 Datasheet HTML 6Page - Microchip Technology MCP1701 Datasheet HTML 7Page - Microchip Technology MCP1701 Datasheet HTML 8Page - Microchip Technology MCP1701 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
 2004 Microchip Technology Inc.
DS21874A-page 1
M
MCP1701
Features
• 2.0 µA Typical Quiescent Current
• Input Operating Voltage Range up to 10.0V
• Low Dropout Voltage:
- 250 mV (typ.) @ 100 mA
- 500 mV (typ.) @ 200 mA
• High Output Current: 250 mA (VOUT = 5.0V)
• High-Accuracy Output Voltage: ±2% (max)
• Low Temperature Drift: ±100 ppm/°C (typ.)
• Excellent Line Regulation: 0.2%/V (typ.)
• Package Options: 3-Pin SOT-23A, 3-Pin SOT-89
and 3-Pin TO-92
• Short-Circuit Protection
• Standard Output Voltage Options:
- 1.8V, 2.5V, 3.0V, 3.3V, 5.0V
Applications
• Battery-Powered Devices
• Battery-Powered Alarm Circuits
•Smoke Detectors
•CO2 Detectors
• Smart Battery Packs
•PDAs
• Low Quiescent Current Voltage Reference
• Cameras and Portable Video Equipment
• Pagers and Cellular Phones
• Solar-Powered Instruments
• Consumer Products
• Microcontroller Power
Related Literature
• AN765, “Using Microchip’s Micropower LDOs”,
DS00765, Microchip Technology Inc., 2002
• AN766, “Pin-Compatible CMOS Upgrades to
Bipolar LDOs”, DS00766,
Microchip Technology Inc., 2002
General Description
The MCP1701 is a family of CMOS low dropout (LDO),
positive voltage regulators that can deliver up to
250 mA of current while consuming only 2.0 µA of
quiescent current (typical). The input operating range is
specified up to 10V, making it ideal for lithium-ion (one
or two cells), 9V alkaline and other two and three
primary cell battery-powered applications.
The MCP1701 is capable of delivering 250 mA with an
input-to-output voltage differential (dropout voltage) of
650 mV. The low dropout voltage extends the battery
operating lifetime. It also permits high currents in small
packages when operated with minimum VIN – VOUT
differentials.
The MCP1701 has a tight tolerance output voltage
regulation of ±0.5% (typical) and very good line regula-
tion at ±0.2%. The LDO output is stable when using
only 1 µF of output capacitance of either tantalum or
aluminum-electrolytic style capacitors. The MCP1701
LDO also incorporates short-circuit protection to
ensure maximum reliability.
Package options include the 3-Pin SOT-23A, 3-Pin
SOT-89 and 3-Pin TO-92.
Package Types
VIN
GND
VOUT
3
12
MCP1701
GND VIN VOUT
12
3
MCP1701
3-Pin SOT-23A
3-Pin SOT-89
3-Pin TO-92
12 3
VOUT
VIN
GND
VIN
Bottom
View
Note:
The 3-Pin SOT-23A is equivalent to
the EIAJ SC-59.
2 µA Low Dropout Positive Voltage Regulator


Similar Part No. - MCP1701

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1701A MICROCHIP-MCP1701A Datasheet
606Kb / 22P
2關A Low-Dropout Positive Voltage Regulator
2007
MCP1701A-1802I/CB MICROCHIP-MCP1701A-1802I/CB Datasheet
606Kb / 22P
2關A Low-Dropout Positive Voltage Regulator
2007
MCP1701A-1802I/MB MICROCHIP-MCP1701A-1802I/MB Datasheet
606Kb / 22P
2關A Low-Dropout Positive Voltage Regulator
2007
MCP1701A-1802I/TO MICROCHIP-MCP1701A-1802I/TO Datasheet
606Kb / 22P
2關A Low-Dropout Positive Voltage Regulator
2007
MCP1701A-2502I/CB MICROCHIP-MCP1701A-2502I/CB Datasheet
606Kb / 22P
2關A Low-Dropout Positive Voltage Regulator
2007
More results

Similar Description - MCP1701

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LH0075 NSC-LH0075 Datasheet
164Kb / 5P
LH0075 Positive Precision Programmable Refulator
logo
TECH PUBLIC Electronics...
TPMIC5233-3.3YM5 TECHPUBLIC-TPMIC5233-3.3YM5 Datasheet
6Mb / 9P
36V,200mA,2uA, Higt PSRR Voltage Reaulators
TPLP5907MFX TECHPUBLIC-TPLP5907MFX Datasheet
6Mb / 10P
300mA 2uA Higt PSRR Voltage Regulator
TPS793 TECHPUBLIC-TPS793 Datasheet
6Mb / 10P
300mA 2uA Higt PSRR Voltage Regulator
TPMIC5235-5.0YM5 TECHPUBLIC-TPMIC5235-5.0YM5 Datasheet
2Mb / 8P
24V,300mA,2uA, Higt PSRR Voltage Reaulator
TPMIC5255-3.3YM5 TECHPUBLIC-TPMIC5255-3.3YM5 Datasheet
2Mb / 6P
300mA 2uA Higt PSRR Voltage Reaulator
TP132C18D4 TECHPUBLIC-TP132C18D4 Datasheet
3Mb / 12P
300mA 2uA Higt PSRR Voltage Reaulalorsl
TPRT9080-18GJ5 TECHPUBLIC-TPRT9080-18GJ5 Datasheet
36Mb / 9P
600mA,2uA, Higt PSRR Voltage Reaulators
TPLP2985-25DBVR TECHPUBLIC-TPLP2985-25DBVR Datasheet
2Mb / 6P
20V ,150mA,2uA, Higt PSRR Voltage Reaulator
XC6204B252MR TECHPUBLIC-XC6204B252MR Datasheet
2Mb / 8P
24V ,300mA,2uA, Higt PSRR Voltage Reaulator|
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com