Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1701 Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP1701
Description  2uA Low Dropoout Positive Voltage Refulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1701 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP1701 Datasheet HTML 12Page - Microchip Technology MCP1701 Datasheet HTML 13Page - Microchip Technology MCP1701 Datasheet HTML 14Page - Microchip Technology MCP1701 Datasheet HTML 15Page - Microchip Technology MCP1701 Datasheet HTML 16Page - Microchip Technology MCP1701 Datasheet HTML 17Page - Microchip Technology MCP1701 Datasheet HTML 18Page - Microchip Technology MCP1701 Datasheet HTML 19Page - Microchip Technology MCP1701 Datasheet HTML 20Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
 2004 Microchip Technology Inc.
DS21874A-page 17
MCP1701
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Sales and Support
Device:
MCP1701: 2 µA Low Dropout Positive Voltage Regulator
Tape and Reel:
T
= Tape and Reel (SOT-23 and SOT-89 only)
Output Voltage:
18
= 1.8V “Standard”
25
= 2.5V “Standard”
30
= 3.0V “Standard”
33
= 3.3V “Standard”
50
= 5.0V “Standard”
*Contact factory for other output voltage options.
Extra Feature Code:
0
= Fixed
Tolerance:
2
= 2.0% (Standard)
Temperature:
I
= -40
°C to +85°C
Package Type:
CB = 3-Pin SOT-23A (equivalent to EIAJ SC-59)
MB = 3-Pin SOT-89
TO = 3-Pin TO-92
PART NO.
X
XX
Output Feature
Code
Device
Voltage
X
Tolerance
X/
Temp.
XX
Package
X-
Tape
and Reel
Examples:
a)
MCP1701T-1802I/CB: 1.8V LDO Positive
Voltage Regulator,
SOT-23A-3
package.
b)
MCP1701T-1802I/MB: 1.8V LDO Positive
Voltage Regulator,
SOT89-3 package.
c)
MCP1701T-2502I/CB: 2.5V LDO Positive
Voltage Regulator,
SOT-23A-3
package.
d)
MCP1701T-3002I/CB: 3.0V LDO Positive
Voltage Regulator,
SOT-23A-3
package.
e)
MCP1701T-3002I/MB: 3.0V LDO Positive
Voltage Regulator,
SOT89-3 package.
f)
MCP1701T-3302I/CB: 3.3V LDO Positive
Voltage Regulator,
SOT-23A-3
package.
g)
MCP1701T-3302I/MB: 3.3V LDO Positive
Voltage Regulator,
SOT89-3 package.
h)
MCP1701T-5002I/CB: 5.0V LDO Positive
Voltage Regulator,
SOT-23A-3
package.
i)
MCP1701T-5002I/MB: 5.0V LDO Positive
Voltage Regulator,
SOT89-3 package.
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and
recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com