Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1701 Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP1701
Description  2uA Low Dropoout Positive Voltage Refulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1701 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP1701 Datasheet HTML 5Page - Microchip Technology MCP1701 Datasheet HTML 6Page - Microchip Technology MCP1701 Datasheet HTML 7Page - Microchip Technology MCP1701 Datasheet HTML 8Page - Microchip Technology MCP1701 Datasheet HTML 9Page - Microchip Technology MCP1701 Datasheet HTML 10Page - Microchip Technology MCP1701 Datasheet HTML 11Page - Microchip Technology MCP1701 Datasheet HTML 12Page - Microchip Technology MCP1701 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
 2004 Microchip Technology Inc.
DS21874A-page 9
MCP1701
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Ground Terminal (GND)
Regulator ground. Tie GND to the negative side of both
the output and the input capacitor. Only the LDO bias
current (2 µA, typical) flows out of this pin, as there is
no high current. The LDO output regulation is refer-
enced to this pin. Minimize voltage drops between this
pin and the negative side of the load.
3.2
Regulated Voltage Output (VOUT)
Connect VOUT to the positive side of the load and the
positive terminal of the output capacitor. The positive
side of the output capacitor should be located as close
as possible to the LDO VOUT pin. The current flowing
out of this pin is equal to the DC load current.
3.3
Unregulated Supply Input (VIN)
Connect the input supply voltage and the positive side
of the input capacitor to VIN. Like all low dropout linear
regulators, low source impedance is necessary for the
stable operation of the LDO. The amount of capacitance
required to ensure low source impedance will depend
on the proximity of the input source capacitors or battery
type. The input capacitor should be located as close as
possible to the VIN pin. For most applications, 1 µF of
capacitance will ensure stable operation of the LDO
circuit. For applications that have load currents below
100 mA, the input capacitance requirement can be
lowered. The type of capacitor used can be ceramic,
tantalum or aluminum-electrolytic. The low ESR charac-
teristics of the ceramic will yield better noise and PSRR
performance at high frequencies. The current flow into
this pin is equal to the DC load current, plus the LDO
bias current (2 µA, typical).
Pin No.
SOT-23A
Pin No.
SOT-89
Pin No.
TO-92
Name
Function
1
1
1
GND
Ground terminal
233
VOUT
Regulated voltage output
322
VIN
Unregulated supply input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com