Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1701 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP1701
Description  2uA Low Dropoout Positive Voltage Refulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1701 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP1701 Datasheet HTML 9Page - Microchip Technology MCP1701 Datasheet HTML 10Page - Microchip Technology MCP1701 Datasheet HTML 11Page - Microchip Technology MCP1701 Datasheet HTML 12Page - Microchip Technology MCP1701 Datasheet HTML 13Page - Microchip Technology MCP1701 Datasheet HTML 14Page - Microchip Technology MCP1701 Datasheet HTML 15Page - Microchip Technology MCP1701 Datasheet HTML 16Page - Microchip Technology MCP1701 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
 2004 Microchip Technology Inc.
DS21874A-page 13
MCP1701
3-Lead Plastic Small Outline Transistor (CB) (SOT23)
10
5
0
10
5
0
b
Mold Draft Angle Bottom
10
5
0
10
5
0
a
Mold Draft Angle Top
0.50
0.40
0.35
.020
.016
.014
B
Lead Width
0.25
0.15
0.10
.010
.006
.004
c
Lead Thickness
10
5
0
10
5
0
f
Foot Angle
0.55
0.45
0.35
.022
.018
.014
L
Foot Length
3.10
2.90
2.70
.122
.114
.106
D
Overall Length
1.80
1.60
1.50
.071
.063
.059
E1
Molded Package Width
3.00
2.80
2.60
.118
.110
.102
E
Overall Width
0.10
0.06
0.01
.004
.002
.000
A1
Standoff §
1.20
1.10
1.00
.047
.043
.039
A2
Molded Package Thickness
1.30
1.16
.051
.046
.040
A
Overall Height
1.92
.076
p1
Outside lead pitch (basic)
0.96
.038
p
Pitch
3
3
n
Number of Pins
MAX
NOM
MIN
MAX
NOM
MIN
Dimension Limits
MILLIMETERS
INCHES*
Units
2
1
p
D
B
n
E
E1
L
c
β
φ
α
A2
A
A1
p1
* Controlling Parameter
Notes:
Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed
.010” (0.254mm) per side.
EIAJ SC-59 Equivalent
Drawing No. C04-104
§ Significant Characteristic
1.01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com