Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1701 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP1701
Description  2uA Low Dropoout Positive Voltage Refulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1701 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP1701 Datasheet HTML 3Page - Microchip Technology MCP1701 Datasheet HTML 4Page - Microchip Technology MCP1701 Datasheet HTML 5Page - Microchip Technology MCP1701 Datasheet HTML 6Page - Microchip Technology MCP1701 Datasheet HTML 7Page - Microchip Technology MCP1701 Datasheet HTML 8Page - Microchip Technology MCP1701 Datasheet HTML 9Page - Microchip Technology MCP1701 Datasheet HTML 10Page - Microchip Technology MCP1701 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
 2004 Microchip Technology Inc.
DS21874A-page 7
MCP1701
Note: Unless otherwise indicated, VOUT = 1.8V, 3.0V, 5.0V, TA = +25°C, CIN = 1 µF Tantalum, COUT = 1 µF Tantalum.
FIGURE 2-13:
Dropout Voltage vs. Load
Current (VR = 1.8V).
0
FIGURE 2-14:
Dropout Voltage vs. Load
Current (VR = 3.0V).
FIGURE 2-15:
Dropout Voltage vs. Load
Current (VR = 5.0V).
FIGURE 2-16:
Start-up From VIN
(VR = 1.8V).
FIGURE 2-17:
Start-up From VIN
(VR = 3.0V).
FIGURE 2-18:
Start-up From VIN
(VR = 5.0V).
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0
10203040506070
8090
Load Current (mA)
-40°C
0°C
+85°C
VR = 1.8V
0
0.1
0.2
0.3
0.4
0.5
0.6
0
153045607590
105 120 135 150
Load Current (mA)
+85°C
-40°C
0°C
VR = 3.0V
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
25
50
75
100 125 150 175 200 225 250
Load Current (mA)
VR = 5.0V
+85°C
0°C
-40°C
RLOAD = 25 ohms
COUT = 1 µF Tantalum
VIN = 0V to
2.8V
VR = 1.8V
VIN = 0V to
4.0V
VR = 3.0V
RLOAD = 25 ohms
COUT = 1 µF Tantalum
VIN = 0V to
6.0V
VR = 5.0V
RLOAD = 25 ohms
COUT = 1 µF Tantalum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com