Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9204-DS-R04 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # TC9204-DS-R04
Description  4-Port 10/100/1000 Smart Ethernet Switch
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TC9204-DS-R04 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button TC9204-DS-R04 Datasheet HTML 7Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 8Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 9Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 10Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 11Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 12Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 13Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 14Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
TC9204M
Preliminary Data Sheet
Pin Listing (continued)
No.
Pin label
Type
Description
147
VLANPrMap0
I/Opu VLAN priority mapping
This configuration chooses between 4 hard-wired mapping schemes
for the associations of VLAN priority within the received packet and
one of the 4 priority levels set by PriClass. The resolution function is
used for the final priority class if the receiving port already has a
priority level assigned by PriClass configuration, or the VLAN
prioritization is active.
VLANPrMap(0)is latched on reset.
148
Vss 3.3
G
Digital ground for I/O
149
Gnd
I
150
Vdd 2.0
P
Digital +2.0V power supply for core
151
Gnd
I
152
NC
NA
Reserved for future use
153
NC
NA
Reserved for future use
154
NC
NA
Reserved for future use
155
NC
NA
Reserved for future use
156
NC
NA
Reserved for future use
Txd47
GMII transmit data - bit 7
157
BcstThrot
I/Opd
Enables broadcast throttling.
'1' – Enable
'0' – Disable
BcstThrot is latched on reset.
158
Txd46
I/Opd GMII transmit data - bit 6
Txd45
GMII transmit data - bit 5
159
FcBcstMode
I/Opd
This pin changes the flow control threshold’s behaviour if pin 160 is
set to logic 1 (It enables broadcast function).
'1' – only the flow control threshold on the broadcast queue is considered
'0' – flow control thresholds associated to each source port originating the
broadcast frames are considered FCBcstMode is latched on reset.
Txd44
GMII transmit data - bit 4
160
FcBcstEn
I/Opd
Enables/disables flow control for broadcast packets.
'1' – enabled
'0' – disabled
FcBcstEn is latched on reset.
161
Txd43
I/Opd GMII/MII transmit data - bit 3
162
Vss 2.0
G
Digital ground for core
163
Txd42
I/Opd GMII/MII transmit data - bit 2
Txd41
GMII/MII transmit data - bit 1
164
Priclass41
I/Opd
Priority class - most significant bit.
PriClass[4] is latched on reset.
Confidential.
11/49
July 29, 2003
Copyright © 2003, IC Plus Corp.
TC9204M-DS-R05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com