Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9204-DS-R04 Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # TC9204-DS-R04
Description  4-Port 10/100/1000 Smart Ethernet Switch
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TC9204-DS-R04 Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button TC9204-DS-R04 Datasheet HTML 40Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 41Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 42Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 43Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 44Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 45Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 46Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 47Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 49 page
background image
TC9204M
Preliminary Data Sheet
10.4.5
Data Read Register
Confidential.
44/49
July 29, 2003
Copyright © 2003, IC Plus Corp.
TC9204M-DS-R05
- Address: 76h, 75h
7 6 5 4 3 2 1 0
DataReadReg
DataReadReg
15 14 13 12 11 10 9 8
76h
75h
Bit(s)
Field
Description
15 – 0
DataReadReg
MDIO Data Read Register
DataReadReg
– Contains a 16 bit data word read from a PHY management register.
Write Operation.
Before starting a write operation the following registers need to be set :
PhyAddress
– written with MDIO device address
RegAddress
– written with MDIO register address
DataWriteReg
– data word to be write to selected register
The write operation is then started by performing a write to IOControl register with bit 0 cleared.
Read Operation.
Before starting a read operation the following registers need to be set :
PhyAddress
– written with MDIO device address
RegAddress
– written with MDIO register address
The write operation is then started by performing a write to IOControl register with bit 0 set.
Subsequently, the IOControl register needs to be monitored in order to detect MDIO operation error
reported via IOControl’s bit 2. The ValidDataRead bit is always read as ‘1’ unless the EEPROM line is
driven at over 1MHz speed. If no error occurred then data can be read from DataReadReg.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com