Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9204-DS-R04 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # TC9204-DS-R04
Description  4-Port 10/100/1000 Smart Ethernet Switch
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TC9204-DS-R04 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button TC9204-DS-R04 Datasheet HTML 15Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 16Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 17Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 18Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 19Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 20Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 21Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 22Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 49 page
background image
TC9204M
Preliminary Data Sheet
6
Flow Control
Whenever the memory load exceeds preset thresholds, flow control commands are issued by the traffic
management entity to the transmit MACs to prevent overflow conditions occurred. The overrun
conditions are either locally or globally triggered, depending on the traffic management entity
configuration. Transmit MAC executed those flow control commands depending on the duplex mode
status. TC9204M executes backpressure for half duplex operation mode and it is IEEE 802.3x compliant
for full duplex operation mode. In special conditions forward-pressure is also executed to eliminate
packet loss.
For full duplex operation mode, TC9204M applies the XON/XOFF method using IEEE 802.3x PAUSE
frames. When a flow control command is internally generated, the transmit MAC inserts a pause frame
immediately or after the current transmission ends. On the receiving side, if a flow control frame is
received, the transmit MAC will stop transmission for a number of slot times, where the pausing time was
extracted from the received pause frame. The flow control function of the receiving side is always
operational unless is specifically disabled by EEPROM on a per port basis (if no EEPROM is present the
receive side flow-control is always operational), while transmission of the pause frames obeys the auto
negotiation result.
TC9204M recognizes flow control frames from the incoming frames and these frames should also have a
valid CRC. The IEEE 802.3x PAUSE operation reserves destination address, MAC control type and
PAUSE opcode (88-08-00-01). The chip filters all frames having PAUSE operation reserved DA
disregarding the other fields. If enabled, direct flow control addressing can be executed. This implies
inserting the port address as SA in each flow control frame generated by TC9204M and recognizing as
flow control all received frames with the port’s address as DA, MAC control type and PAUSE opcode.
After recognizing and executing appropriate flow control actions these frames will be also filtered. The
port address is obtained by adding the port’s number to the base address contained within EEPROM.
When no EEPROM is present and DisFdFC shared configuration pin is configured to high state, the
switch will inhibit its ability to send flow control packets on all ports while preserving its ability to receive
and act upon the incoming flow control packets. If this pin is configured to low state the switch will
execute symmetrical PAUSE operation as defined in 802.3x.
The function of enabling/disabling the flow control in the EEPROM is now available on a per port basis
rather than setting flow control globally for all ports and separate enabling/disabling flow control ability
can be performed on either receive or transmit side of a port.
TC9204M can be instructed to ignore the auto-negotiation result for full duplex flow control ability. When the
FrcFdFC shared configuration pin or the equvalent register in the EEPROM is equal to 1, the link partner
will be considered to have full duplex flow control capable no matter of auto-negotiation result. The
FrcFdFC setting is effective only for ports configured in 10/100 Mbps speed modes. When the FrcGbFC
and the equivalent register in the EEPROM is equal to 1, the link partner will be considered symmetrically
and asymmetrically towards link partner full duplex flow control capable no matter of auto-negotiation result.
The FrcGbFC setting is effective only for ports configured in 1000 Mbps speed mode.
The TC9204M executes backpressure algorithm for half duplex flow control, supporting both
collision-based and carrier-based backpressure. For collision-based backpressure the switch will be
forced to send collision signals to the terminal that sends packets to TC9204M. While TC9204M detects
an incoming frame that it wishes to backpressure with carrier sense signals, the switch will start
transmission to that port. If no packet is available at that moment for transmission then the MAC layer will
generate short jamming frames. Additionally, an aggressive backoff will be executed by the transmit
MAC after each of the forced collisions. The transmit MAC will chose between 0 and 1 slot times to
backoff. This will grant a fast recovery for the switch's congested port and will secure the channel for the
congested port in case it wishes to transmit (empty its buffers). If desired, the backoff can be completely
Confidential.
19/49
July 29, 2003
Copyright © 2003, IC Plus Corp.
TC9204M-DS-R05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com