Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9204-DS-R04 Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # TC9204-DS-R04
Description  4-Port 10/100/1000 Smart Ethernet Switch
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TC9204-DS-R04 Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button TC9204-DS-R04 Datasheet HTML 30Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 31Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 32Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 33Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 34Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 35Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 36Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 37Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 49 page
background image
TC9204M
Preliminary Data Sheet
10.3.7
Broadcast Configuration Register
Confidential.
34/49
July 29, 2003
Copyright © 2003, IC Plus Corp.
TC9204M-DS-R05
- Address: 3Dh, 3Eh
7 6 5 4 3 2 1 0
BroadcastConfig
15 14 13 12 11 10 9 8
SrcLoadTrsh
FCBcstEn
FCBcstMode
not used
ThrotTrsh
BcstThrot
Reserved
not used
Bit(s)
Field
Description
4 - 0
SrcLoadTrsh
Source port loading limit for broadcast
5
FCBcstEn
Flow control broadcast enable
6
FCBcstMode
Flow control broadcast mode
7
not used
not used
11 -8
ThrotTrsh
Global buffer pool loading threshold for broadcast
12
BcstThrot
Broadcast throttling (bandwidth)
14 - 13
Reserved
15
not used
not used
SrcLoadTrsh
The maximum number of frame buffers used on each receiving port for broadcast.
Default is ‘11000’ (24).
FCBcstEn
Setting this bit to ‘1’ will enable flow control mechanism for broadcast frames.
Setting this bit to ‘0’ will cause broadcast packets to be dropped on queue overflow
condition. Default value is its corresponding FcBcstEn pin value.
FCBcstMode
This bit selects the source of flow control for broadcast operation:
‘0’ – broadcast flow control is issued on source port basis
‘1’ – broadcast flow control is issued by any of the two broadcast queues
Default value is its corresponding FcBcstMode pin value.
ThrotTrsh
Setting this bit to ‘1’ will enable bandwidth based broadcast throttling. The value
represents the maximum percentage of the full receiving bandwidth than can be
used for broadcast. Default is ‘00101’(5%).
BcstThrot
Setting this bit to ‘1’ will enable throttling for broadcast frames. Default value is its
corresponding BcstThrot pin value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com