Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9204-DS-R04 Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # TC9204-DS-R04
Description  4-Port 10/100/1000 Smart Ethernet Switch
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TC9204-DS-R04 Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button TC9204-DS-R04 Datasheet HTML 39Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 40Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 41Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 42Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 43Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 44Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 45Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 46Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 49 page
background image
TC9204M
Preliminary Data Sheet
10.4.3
Physical Layer’s Register Address Register
Confidential.
43/49
July 29, 2003
Copyright © 2003, IC Plus Corp.
TC9204M-DS-R05
- Address: 73h
7 6 5 4 3 2 1 0
RegAddress(4-0)
not used
RegAddress
Bit(s)
Field
Description
4 – 0
RegAddress
Physical layer device’s register address register
7 – 5
not used
not used
RegAddress
– Contains a 5 bit word used as register address in MDIO operations.
10.4.4
IO Status Control Register
- Address: 74h
7 6 5 4 3 2 1 0
RnotW
ValidDataRead
MDIOError
not used
IOControl
Bit(s)
Field
Description
0
RnotW
Operation code
1
ValidDataRead
Valid Data Read
2
MDIOError
MDIO Error
3 – 7
not used
not used
RnotW
– Operation Code. Setting this bit to ‘1’ will select read operation otherwise will
select write operation. MDIO Read / Write operation is started by performing a
virtual EEPROM write to IOControl register.
ValidDataRead
– Indicates if DataReadReg register contains valid data.
‘1’- data valid
‘0’- read not performed yet
MDIOError
– This bit signals errors on MDIO line.
‘1’- MDIO error.
‘0’- MDIO read successful.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com