Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9204-DS-R04 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # TC9204-DS-R04
Description  4-Port 10/100/1000 Smart Ethernet Switch
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TC9204-DS-R04 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button TC9204-DS-R04 Datasheet HTML 14Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 15Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 16Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 17Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 18Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 19Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 20Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 21Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 49 page
background image
TC9204M
Preliminary Data Sheet
determined by EEPROM configuration (default is IP). If no header is found or corresponding
prioritizations are disabled then port based prioritization is executed. When EEPROM is present an
additional method of prioritization is available. This method consists of selecting the highest service class
from all classes corresponding to the enabled prioritization sources (IP, VLAN and port based). For both
methods, when no prioritization source is available the default CoS is used (default is normal priority –
CoS1 but it can be also changed by EEPROM configuration).
The CoS features can be configured by adjusting shared configuration pins and/or programming
EEPROM Register settings. VLAN prioritization can be enabled by EnVLPr shared configuration pin or
by EEPROM register settings, while EnIPPr shared configuration pin or the EEPROM Register settings
can enable IP prioritization. The shared configuration pins are sampled during reset.
The per-port basis CoS can be set using PriClass [x][1:0] shared configuration pins or configuring
EEPROM registers, where x stands for port number. The port-based prioritization can be disabled from
EEPROM settings only.
Configuration
Pins Latched
Description
PriClass[x][1:0] TxDataX_[1:0] Set the priority class per port basis
'00' – the port has class 0 priority(lowest priority)
'01' – the port has class 1 priority
'10' – the port has class 2 priority
'11' – the port has class 3 priority(highest priority)
EnIPPr
Enable/disable IP prioritization
‘0’ – IP priority within the received packet (if exists) is ignored
‘1’ – IP priority within the received packet (if exists) is considered
EnVLPr
Enable/disable VLAN prioritization
‘0’ – VLAN priority within the received packet (if exists) is ignored
‘1’ – VLAN priority within the received packet (if exists) is considered
Selects one of four mappings for the 8 level precedence extracted
from frame’s IP header to the 4 CoS offered by TC9204M
(C0, C1, C2, C3 – class 0, 1, 2, 3 of service)
Designated priority class
IPTosMap[1:0]
0
1
2
3
4
5
6
7
00
C0
C0
C1
C1
C2
C2
C3
C3
01
C1
C2
C2
C2
C3
C3
C3
C3
10
C1
C1
C2
C2
C2
C3
C3
C3
IPTosMap[1:0]
11
C0
C1
C1
C2
C2
C3
C3
C3
Selects one of four mappings for the 8 level user_priority extracted
from the frame’s VLAN Tag to the 4 level priority offered by TC9204M
(C0, C1, C2, C3 – class 0, 1, 2, 3 of service)
Designated priority class
VLANPrMap[1:0]
0
1
2
3
4
5
6
7
00
C0
C0
C1
C1
C2
C2
C3
C3
01
C1
C0
C0
C1
C2
C2
C3
C3
10
C0
C0
C0
C1
C1
C2
C3
C3
VLANPrMap[1:0]
11
C2
C0
C1
C2
C3
C3
C3
C3
Confidential.
18/49
July 29, 2003
Copyright © 2003, IC Plus Corp.
TC9204M-DS-R05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com