Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9204-DS-R04 Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # TC9204-DS-R04
Description  4-Port 10/100/1000 Smart Ethernet Switch
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TC9204-DS-R04 Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button TC9204-DS-R04 Datasheet HTML 38Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 39Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 40Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 41Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 42Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 43Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 44Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 45Page - List of Unclassifed Manufacturers TC9204-DS-R04 Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 49 page
background image
TC9204M
Preliminary Data Sheet
10.4
Writing / Reading PHY management registers via EEPROM interface
The following set of registers allows read/write operations through MDIO interface for direct managing of
physical layer devices. This feature is available through virtual EEPROM mode.
10.4.1
Data Write Register
Confidential.
42/49
July 29, 2003
Copyright © 2003, IC Plus Corp.
TC9204M-DS-R05
- Address: 70h, 71h
7 6 5 4 3 2 1 0
DataW riteReg
DataWriteReg
15 14 13 12 11 10 9 8
Bit(s)
Field
Description
15 - 0
DataWriteReg
MDIO Data Write Register
DataWriteReg
– Contains a 16 bit data word used to write a PHY management register.
10.4.2
Physical Layer Device Address Register
- Address: 72h
7 6 5 4 3 2 1 0
DeviceAddress(4-0)
not used
PhyAddress
Bit(s)
Field
Description
4 – 0
DeviceAddress
Physical layer device address register
7 – 5
not used
not used
DeviceAddress
– Contains a 5 bit word used as device address in MDIO operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com