Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9204-DS-R05 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # TC9204-DS-R05
Description  4-Port 10/100/1000 Smart Ethernet Switch
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TC9204-DS-R05 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button TC9204-DS-R05 Datasheet HTML 6Page - List of Unclassifed Manufacturers TC9204-DS-R05 Datasheet HTML 7Page - List of Unclassifed Manufacturers TC9204-DS-R05 Datasheet HTML 8Page - List of Unclassifed Manufacturers TC9204-DS-R05 Datasheet HTML 9Page - List of Unclassifed Manufacturers TC9204-DS-R05 Datasheet HTML 10Page - List of Unclassifed Manufacturers TC9204-DS-R05 Datasheet HTML 11Page - List of Unclassifed Manufacturers TC9204-DS-R05 Datasheet HTML 12Page - List of Unclassifed Manufacturers TC9204-DS-R05 Datasheet HTML 13Page - List of Unclassifed Manufacturers TC9204-DS-R05 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
TC9204M
Preliminary Data Sheet
Pin Listing (continued)
No.
Pin label
Type
Description
127
Col2
Is
MII collision indication
128
Rxer2
Is
Receive Error
129
Vdd 3.3
P
Digital +3.3V power supply for I/O
130
Rxclk2
I
MII receive clock
131
Rxdv2
Is
GMII/MII data valid
132
Rxd20
Is
GMII receive data - least significant nibble.
MII receive data
133
Rxd21
Is
GMII receive data - least significant nibble.
MII receive data
134
Rxd22
Is
GMII receive data - least significant nibble.
MII receive data
135
Vss 3.3
G
Digital ground for I/O
136
Rxd23
Is
GMII receive data - least significant nibble.
MII receive data
137
Rxd24
Is
GMII receive data - most significant nibble
138
Rxd25
Is
GMII receive data - most significant nibble
139
Rxd26
Is
GMII receive data - most significant nibble
140
Rxd27
Is
GMII receive data - most significant nibble
141
EnlPPr
I/Opd Enables IP prioritization. CoS resolution will consider TOS
Precedence bits from IP Header.
‘1’ – IP priority will be taken into consideration
‘0’ – IP priority will be neglected
EnIPPr is latched on reset
142
IPTosMap1
I/Opd IP type of service mapping - the most significant bit
IPTosMap(1) is latched on reset
143
IPTosMap0
I/Opu IP type of service mapping - the least significant bit. This configuration
chooses between 4 hard-wired mapping schemes for the associations
of IP priority within the received packet and one of the 4 priority levels
set by PriClass. The resolution function is used for the final priority
class if the receiving port already has a priority level assigned by
PriClass configuration, or the VLAN prioritization is active.
IPTosMap(0) is latched on reset.
144
EnVLANPr
I/Opu Enables VLAN prioritization. CoS resolution will consider user priority
bits (TCI field) from 802.1Q VLAN Tag Header.
‘1’ – VLAN priority will be taken into consideration
‘0’ – VLAN priority will be neglected
EnVLANPr is latched on reset
145
VLANPrMap1
I/Opu VLAN priority mapping
VLANPrMap(1)is latched on reset.
146
Vdd 3.3
P
Digital +3.3V power supply for I/O
Confidential.
10/49
July 29, 2003
Copyright © 2003, IC Plus Corp.
TC9204M-DS-R05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com