Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9204-DS-R05 Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # TC9204-DS-R05
Description  4-Port 10/100/1000 Smart Ethernet Switch
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TC9204-DS-R05 Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button TC9204-DS-R05 Datasheet HTML 37Page - List of Unclassifed Manufacturers TC9204-DS-R05 Datasheet HTML 38Page - List of Unclassifed Manufacturers TC9204-DS-R05 Datasheet HTML 39Page - List of Unclassifed Manufacturers TC9204-DS-R05 Datasheet HTML 40Page - List of Unclassifed Manufacturers TC9204-DS-R05 Datasheet HTML 41Page - List of Unclassifed Manufacturers TC9204-DS-R05 Datasheet HTML 42Page - List of Unclassifed Manufacturers TC9204-DS-R05 Datasheet HTML 43Page - List of Unclassifed Manufacturers TC9204-DS-R05 Datasheet HTML 44Page - List of Unclassifed Manufacturers TC9204-DS-R05 Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 49 page
background image
TC9204M
Preliminary Data Sheet
10.3.15
Port VLAN Enable Register
Confidential.
41/49
July 29, 2003
Copyright © 2003, IC Plus Corp.
TC9204M-DS-R05
- Address: 4fh
7
6
5
4
3
2
1
0
VL AN 0
VL AN 1
VL AN 2
VL AN 3
PortVLA N E n
Bit(s)
Field
Description
0
VLAN0
VLAN 0 enable
1
VLAN1
VLAN 1 enable
2
VLAN2
VLAN 2 enable
3
VLAN3
VLAN 3 enable
VLAN[y]
Enables/disables VLAN y. (y is in range 0 to 3)
10.3.16
VLAN [Y] Register
- Address: 50h, 52h, 54h, 56h, 58h, 5ah, 5ch, 5eh
7
6
5
4
3
2
1
0
V L A N [y ]R e g
Po r t 0
N/ A
Po r t 2
N/ A
Po r t 4
N/ A
Po r t 6
N/ A
Bit(s)
Field
Description
0
Port0
Port 0 membership to VLAN y
1
N/A
2
Port2
Port 2 membership to VLAN y
3
N/A
4
Port4
Port 4 membership to VLAN y
5
N/A
6
Port6
Port 6 membership to VLAN y
7
N/A
Port[x]
Port x membership to VLAN y.
‘0’ – Port x is not a member of VLAN y
‘1’ – Port x is a member of VLAN y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com