Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9204-DS-R05 Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # TC9204-DS-R05
Description  4-Port 10/100/1000 Smart Ethernet Switch
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TC9204-DS-R05 Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button TC9204-DS-R05 Datasheet HTML 34Page - List of Unclassifed Manufacturers TC9204-DS-R05 Datasheet HTML 35Page - List of Unclassifed Manufacturers TC9204-DS-R05 Datasheet HTML 36Page - List of Unclassifed Manufacturers TC9204-DS-R05 Datasheet HTML 37Page - List of Unclassifed Manufacturers TC9204-DS-R05 Datasheet HTML 38Page - List of Unclassifed Manufacturers TC9204-DS-R05 Datasheet HTML 39Page - List of Unclassifed Manufacturers TC9204-DS-R05 Datasheet HTML 40Page - List of Unclassifed Manufacturers TC9204-DS-R05 Datasheet HTML 41Page - List of Unclassifed Manufacturers TC9204-DS-R05 Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 49 page
background image
TC9204M
Preliminary Data Sheet
10.3.12
CoS Configuration Register
Confidential.
38/49
July 29, 2003
Copyright © 2003, IC Plus Corp.
TC9204M-DS-R05
- Address: 47h
7 6 5 4 3 2 1 0
EnIPPr
EnVLANPr
CosResolution
VLANPrec
DefCoS
not used
CosConfig
Bit(s)
Field
Description
0
EnIPPr
Enable IP priority
1
EnVLANPr
Enable VLAN priority
2
CoSResolution
CoS Resolution Mode
3
VLANPrec
VLAN Precedence
5 - 4
DefCoS
Default Class of Service
7 - 6
not used
not used
EnIPPr
Setting this field to ‘1’ will enable IP prioritization. CoS resolution function will
consider TOS Precedence bits from IP Header. Default value is its corresponding
EnIPPr pin value.
EnVLANPr
Setting this field to ‘1’ will enable VLAN prioritization. CoS resolution function will
consider user-priority bits (TCI field) from 802.1Q VLAN Tag Header. Default value
is its corresponding EnVLANPr pin value.
CoSResolution
When this bit is set to ‘0’ the CoS resolution function will assign to each frame the
highest CoS obtained from all enabled prioritization sources.
Setting this field to ‘1’, the resolution function will perform a prioritized parsing of
CoS sources, depending of VLANPrec bit. The CoS will be assigned considering
the first source that has been found within the frame (VLAN or IP). If none of the
VLAN or IP prioritization sources have been found then the port based prioritization
is considered if enabled, otherwise the frame will be assigned the default CoS.
Default is ‘1’.
VLANPrec
If CoSResolution field is set to ‘0’, this field is meaningless. When CoSResolution
field is set to ‘1’, this field will set the prioritization sources precedence for the
resolution function. A value of ‘1’ will set the following precedence (from highest to
lowest): VLAN priority, IP priority, port priority. A value of ‘0’ will set the following
precedence (from highest to lowest): IP priority, VLAN priority, port priority. Default
is ‘0’.
DefCoS
This is the CoS a frame will receive when port based prioritization is disabled and
both VLAN and IP headers are not found (or the corresponding VLAN / IP
prioritizations are also disabled). This configuration can be used especially when
CoSResolution setting is ‘0’. Default is “01” (CoS 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com