Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9204-DS-R05 Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # TC9204-DS-R05
Description  4-Port 10/100/1000 Smart Ethernet Switch
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TC9204-DS-R05 Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button TC9204-DS-R05 Datasheet HTML 36Page - List of Unclassifed Manufacturers TC9204-DS-R05 Datasheet HTML 37Page - List of Unclassifed Manufacturers TC9204-DS-R05 Datasheet HTML 38Page - List of Unclassifed Manufacturers TC9204-DS-R05 Datasheet HTML 39Page - List of Unclassifed Manufacturers TC9204-DS-R05 Datasheet HTML 40Page - List of Unclassifed Manufacturers TC9204-DS-R05 Datasheet HTML 41Page - List of Unclassifed Manufacturers TC9204-DS-R05 Datasheet HTML 42Page - List of Unclassifed Manufacturers TC9204-DS-R05 Datasheet HTML 43Page - List of Unclassifed Manufacturers TC9204-DS-R05 Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 49 page
background image
TC9204M
Preliminary Data Sheet
10.3.14
General Configuration Register
Confidential.
40/49
July 29, 2003
Copyright © 2003, IC Plus Corp.
TC9204M-DS-R05
- Address: 4ah
7 6 5 4 3 2 1 0
GeneralC o nfig
AgeTimeR eg
D isAging
F wdBadC R C
F wdU ndersize
RejM CT
RejR D A
not used
Bit(s)
Field
Description
1 – 0
AgeTimeReg
Sets the aging time
2
DisAging
Disable aging
3
FwdBadCRC
Forward bad CRC packets
4
FwdUndersize
Forward undersized packets
5
RejMCT
Reject MAC Control Type frames
6
RejRDA
Reject 802.1D Reserved Group Addresses DA frames
7
not used
not used
AgeTimeReg
Allows 4 values for the aging time to be chosen from.
00 –
300 seconds
01 –
600 seconds
10 –
900 seconds
11 – 1200 seconds
Default is ‘01’(600 seconds).
DisAging
Setting this bit to '1' will cause TC9204M to disable its aging mechanism for the
stored MAC addresses. Default is '0'.
FwdBadCRC
Setting this bit to ‘1’ will enable forwarding of bad CRC packets. Default is '0'.
FwdUndersize
Setting this bit to ‘1’ will enable forwarding of undersized packets. Default is '0'
RejMCT
Setting this bit to ‘1’ will configure the switch to filter all frames with MAC Control
Type (type 8808). Default is ‘0’.
RejRDA
Setting this bit to ‘1’ will configure the switch to filter all frames with 802.1D
Reserved Group Destination Address except for Bridge Group Address
(01-80-C2-00-00-00). Default value is its corresponding RejRDA pin value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com