Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9204-DS-R05 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # TC9204-DS-R05
Description  4-Port 10/100/1000 Smart Ethernet Switch
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TC9204-DS-R05 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button TC9204-DS-R05 Datasheet HTML 4Page - List of Unclassifed Manufacturers TC9204-DS-R05 Datasheet HTML 5Page - List of Unclassifed Manufacturers TC9204-DS-R05 Datasheet HTML 6Page - List of Unclassifed Manufacturers TC9204-DS-R05 Datasheet HTML 7Page - List of Unclassifed Manufacturers TC9204-DS-R05 Datasheet HTML 8Page - List of Unclassifed Manufacturers TC9204-DS-R05 Datasheet HTML 9Page - List of Unclassifed Manufacturers TC9204-DS-R05 Datasheet HTML 10Page - List of Unclassifed Manufacturers TC9204-DS-R05 Datasheet HTML 11Page - List of Unclassifed Manufacturers TC9204-DS-R05 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
TC9204M
Preliminary Data Sheet
Pin Listing (continued)
No.
Pin label
Type
Description
64
Txen0
O
GMII/MII transmit enable
65
Gtxclk0
O
GMII transmit clock
66
Vss 3.3
G
Digital ground for I/O
67
Txer0
I/Opd Transmit Error
68
Txclk0
I
MII transmit clock
69
Crs0
Is
MII carrier sense indication
70
Col0
Is
MII collision indication
71
Rxer0
Is
Receive Error
72
Vdd 2.0
P
Digital +2.0V power supply for core
73
Rxclk0
I
MII receive clock
74
Rxdv0
Is
GMII/MII data valid
75
Rxd00
Is
GMII receive data – least significant nibble.
MII receive data
76
Rxd01
Is
GMII receive data – least significant nibble.
MII receive data
77
Rxd02
Is
GMII receive data – least significant nibble.
MII receive data
78
Vss 2.0
G
Digital ground for core
79
Rxd03
Is
GMII receive data – least significant nibble.
MII receive data
80
Rxd04
Is
GMII receive data – most significant nibble
81
Rxd05
Is
GMII receive data – most significant nibble
82
Rxd06
Is
GMII receive data – most significant nibble
83
Rxd07
Is
GMII receive data – most significant nibble
84
Vdd 3.3
P
Digital +3.3V power supply for I/O
85
Vss 3.3
G
Digital ground for I/O
86
Vdd 2.0
P
Digital +2.0V power supply for core
87
Vss 2.0
G
Digital ground for core
88
Vdd 3.3
P
Digital +3.3V power supply for I/O
89
Gnd
I
90
Vss 3.3
G
Digital ground for I/O
91
Gnd
I
92
Vdd 3.3
P
Digital +3.3V power supply for I/O
93
SelSck
Is
Selects the source for the system clock.
Selsck – ‘1’ – sysck is driven by a 25Mhz external clock.
94
NC
NA
Reserved for future use
95
NC
NA
Reserved for future use
96
NC
NA
Reserved for future use
97
NC
NA
Reserved for future use
98
NC
NA
Reserved for future use
99
NC
NA
Reserved for future use
100
NC
NA
Reserved for future use
Confidential.
8/49
July 29, 2003
Copyright © 2003, IC Plus Corp.
TC9204M-DS-R05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com