Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9204-DS-R05 Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # TC9204-DS-R05
Description  4-Port 10/100/1000 Smart Ethernet Switch
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TC9204-DS-R05 Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button TC9204-DS-R05 Datasheet HTML 27Page - List of Unclassifed Manufacturers TC9204-DS-R05 Datasheet HTML 28Page - List of Unclassifed Manufacturers TC9204-DS-R05 Datasheet HTML 29Page - List of Unclassifed Manufacturers TC9204-DS-R05 Datasheet HTML 30Page - List of Unclassifed Manufacturers TC9204-DS-R05 Datasheet HTML 31Page - List of Unclassifed Manufacturers TC9204-DS-R05 Datasheet HTML 32Page - List of Unclassifed Manufacturers TC9204-DS-R05 Datasheet HTML 33Page - List of Unclassifed Manufacturers TC9204-DS-R05 Datasheet HTML 34Page - List of Unclassifed Manufacturers TC9204-DS-R05 Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 49 page
background image
TC9204M
Preliminary Data Sheet
10.3.4
Flow Control Register
Confidential.
31/49
July 29, 2003
Copyright © 2003, IC Plus Corp.
TC9204M-DS-R05
- Address: 2Eh, 2Fh
7 6 5 4 3 2 1 0
FullBP
BPMaxCol
BPSkip1
CarrBP
DisFwPres
DisBPBk
FrcFdxFC
FrcFdxFCGb
DirFCAdr
not used
FlowControlReg
15 14 13 12 11 10 9 8
Bit(s)
Field
Description
0
FullBP
Full backpressure
6 - 1
BPMaxCol
Maximum number of collisions for backpressure
7
BPSkip1
Skip one packet for backpressure operation
8
CarrBp
Carrier backpressure
9
DisFwPres
Disable forwardpresure
10
DisBPBk
Disable backoff during backpressure
11
FrcFdxFC
Force full duplex flow control in 10/100 Mbps
12
FrcFdxFCGb
Force full duplex flow control in 1000 Mbps
13
DirFCAdr
Direct flow control addressing
15 - 14
not used
not used
FullBP
In normal operation the backpressure process is executed until flow control
condition disappears or until the time limit for backpressure is reached. This limit is
based on EEPROM’s BPTimeValue register. When this configuration is ‘0’ the
backpressure process will be also limited from exceeding the value contained in
BPMaxCol field.
Default value is its corresponding FullBP pin value.
BPMaxCol
Specifies the number of consecutive collisions that will determine TC9204M to quit
backpressure (see the setting above). Default is ‘011100’ (28).
BPSkip1
If FullBP setting is configured to ‘0’ and a number of BPMaxCol collisions is reached,
the MAC will ensure receiving the next packet without colliding it if this bit is set to ‘1’,
after which will resume the backpressure. Otherwise it will completely quit
backpressure waiting for a new XOFF command from internal flow control entity.
Default is ‘0’.
CarrBp
Setting this bit to ‘1’ will enable carrier-based backpressure, otherwise only
collision-based backpressure is executed. Default value is its corresponding
CarrBp pin value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com