Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9204-DS-R05 Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # TC9204-DS-R05
Description  4-Port 10/100/1000 Smart Ethernet Switch
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TC9204-DS-R05 Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button TC9204-DS-R05 Datasheet HTML 20Page - List of Unclassifed Manufacturers TC9204-DS-R05 Datasheet HTML 21Page - List of Unclassifed Manufacturers TC9204-DS-R05 Datasheet HTML 22Page - List of Unclassifed Manufacturers TC9204-DS-R05 Datasheet HTML 23Page - List of Unclassifed Manufacturers TC9204-DS-R05 Datasheet HTML 24Page - List of Unclassifed Manufacturers TC9204-DS-R05 Datasheet HTML 25Page - List of Unclassifed Manufacturers TC9204-DS-R05 Datasheet HTML 26Page - List of Unclassifed Manufacturers TC9204-DS-R05 Datasheet HTML 27Page - List of Unclassifed Manufacturers TC9204-DS-R05 Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 49 page
background image
TC9204M
Preliminary Data Sheet
Confidential.
24/49
July 29, 2003
Copyright © 2003, IC Plus Corp.
TC9204M-DS-R05
10.2
EEPROM Address Map
Physical
Address
Bits
Register Name
Validation Bit
DESCRIPTION
EEPROM
00h
[7:0] ValidReg [ 7 downto 0 ]
-
Validation Register
01h
[7:0] ValidReg [ 15 downto 8 ]
-
Validation Register
02h
[7:0] ValidReg [ 23 downto 16 ]
-
Validation Register
03h
[7:0] ValidReg [ 24 downto 31 ]
-
Validation Register
04h
[7:0] ValidReg [ 32 downto 39 ]
-
Validation Register
05h
[7:0] ConfigRegP0 [ 7 downto 0 ]
06h
[7:0] ConfigRegP0 [ 15 downto 8 ]
ConfigRegP0
Port 0 Configuration Register
07h
[7:0]
08h
[7:0]
09h
[7:0] ConfigRegP2 [ 7 downto 0 ]
0ah
[7:0] ConfigRegP2 [ 15 downto 8 ]
ConfigRegP2
Port 2 Configuration Register
0bh
[7:0]
0ch
[7:0]
0dh
[7:0] ConfigRegP4 [ 7 downto 0 ]
0eh
[7:0] ConfigRegP4 [ 15 downto 8 ]
ConfigRegP4
Port 4 Configuration Register
0fh
[7:0]
10h
[7:0]
11h
[7:0] ConfigRegP6 [ 7 downto 0 ]
12h
[7:0] ConfigRegP6 [ 15 downto 8 ]
ConfigRegP6
Port 6 Configuration Register
13h
[7:0]
14h
[7:0]
15h - 18h
Reserved
19h
[7:0] IFGConfigP0 [7 downto 0]
IFGConfigP0
Port 0 IFG Configuration
1ah
[7:0]
1bh
[7:0] IFGConfigP2 [7 downto 0]
IFGConfigP2
Port 2 IFG Configuration
1ch
[7:0]
1dh
[7:0] IFGConfigP4 [7 downto 0]
IFGConfigP4
Port 4 IFG Configuration
1eh
[7:0]
1fh
[7:0] IFGConfigP6 [7 downto 0]
IFGConfigP6
Port 6 IFG Configuration
20h
[7:0]
21h – 2dh
Reserved
2eh
[7:0] FlowControlReg [7 downto 0]
2fh
[7:0] FlowControlReg [15 downto 8]
FlowContrReg Flow Control Register
30h
[7:0] BPTimeValue [7 downto 0]
31h
[7:0] BPTimeValue [15 downto 8]
BPTimeValue
Backpressure Time Value
Register
32h
[7:0] FCBaseAddress [47 downto 40]
33h
[7:0] FCBaseAddress [39 downto 32]
34h
[7:0] FCBaseAddress [31 downto 24]
35h
[7:0] FCBaseAddress [23 downto 16]
36h
[7:0] FCBaseAddress [15 downto 8]
37h
[7:0] FCBaseAddress [7 downto 0]
FCBaseAddress Flow Control Source Base
Address Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com