Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM1621 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1621
Description  1MHz Asynchronous Boost Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1621 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM1621 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1621 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1621 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1621 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1621 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1621 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1621 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1621 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1621 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
电气特性
测试条件:
VIN=3.6V, TA=25 , L1=10
℃
μH, COUT=1μF(除非另有说明)
参数
条件
最小值
典型值
最大值
单位
工作电压范围
VIN 处耐压(不代表电感输入电压)
2.7
5.5
V
系统输入电压范围
电感一端输入电压(不代表
VIN 处)
2.7
30
V
反馈电压
工作时
FB 引脚电压
1.17
1.21
1.25
V
OVP 引脚直接接 VOUT
25
V
过压保护电压
OVP 引脚通过 300k 电阻接 VOUT
40
V
VFB=1.0V (switching)
1.6
mA
VFB=1.4V (not switching)
380
μA
芯片电流
VSHDN = 0V
0.1
1
μA
开关管限流
ISWMAX
1000
1200
1400
mA
系统开关频率
开关电源工作频率
0.8
1
1.2
MHz
系统开关最大占空比
开关电源能提供的最大占空比
86
90
94
%
开关漏电流
VSHDN=0V,VSW=5V
0.1
1
μA
SHDN 高电平
1.4
V
SHDN 低电平
0.4
V
过热保护温度
160
℃
过热保护回滞温度
11
℃
HM1621



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com