Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM1621 Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1621
Description  1MHz Asynchronous Boost Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1621 Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM1621 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1621 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1621 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1621 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1621 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1621 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1621 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1621 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1621 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
HM1621MR-B2
1MHz
-40℃~85℃
SOT23-6L
HM1621MR-A1
1.4MHz
-40℃~85℃
SOT23-6L
注:
LL 为 lot number
Package Type
MR: SOT23-6L
Chip Version
A1,B2
极限工作条件
*
参数
范围
VIN 对地电压
-0.3V ~ 6 V
SW,OVP 对地电压
-0.3V ~ 45 V
SHDN ,FB 对地电压
-0.3V ~ 6 V
最大连续功耗(
TA= 25℃)
0.45 W
工作环境温度范围
-40℃~85℃
SOT23-6L 封装热阻 θJA
220℃/W
最大结温
125℃
贮存温度范围
-65℃~150℃
焊接温度(焊接时间
10 秒)
260℃
ESD 参数 人体模型(100pF 电容,串联 1.5KΩ)
2000 V
Latch-up
200 mA
*注意:如果器件工作条件超过上述各项极限值,可能对器件造成永久性损坏。上述参数仅是
工作条件的极限值,不建议器件工作在推荐工作条件以外的情况。器件长时间工作在极限工
作条件下,其可靠性可能受到影响。
推荐工作条件
参数
范围
电源电压
VIN
2.7V ~ 5.5 V
工作结温
-40℃~125℃
SW,OVP 管脚
0 ~ 40 V
B21LL(注)
B21LL(注)
3000 Pcs/盘
3000 Pcs/盘
HM1621



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com