Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM1621 Datasheet(PDF) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1621
Description  1MHz Asynchronous Boost Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1621 Datasheet(HTML) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM1621 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1621 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1621 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1621 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1621 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1621 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1621 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1621 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1621 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1MHz 异步升压型稳压器
特性
效率可高达
90%
内置软启动功能,限制启动时浪涌电流
1MHz 开关频率
1.21V 反馈电压
外部电阻设定输出电压
芯片电源输入电压范围
2.7~5.5V
电感端输入电压范围
2.7~30V
最大输出电压
40V
开关管限流
1200mA
3.6V 输入,18V 输出可驱动 140mA 负载
内置过流保护,过热保护
极小
EMI
过压保护外部可调(
25V~40V)
待机电流:<
1μA
采用纤小的
SOT23-6L 封装
应用
LCD 偏置电压
OLED 供电
LED 驱动
BOOST 系统
xDSL 电源
单节锂电升压系统
描述
HM1621 是一款采用恒定频率内部补偿电流模架构异步升压型开关稳压器。内部集成有
1A、40V 的开关管。该架构使得系统具备优异的瞬态特性以及较小的纹波。1MHz 的工作频
率允许使用小型电感和电容。能从
3.6V 电源端产生 500mA、5V 恒压,也能从 5V 电源端产
生
300mA、12V 恒压。
HM1621 内置软启动功能,限制启动时的浪涌电流。内置过流和过热
保护,增强了应用的安全性。
HM1621 采用纤小的 SOT23-6L 封装。
SOT23-6L
-40℃~85℃
HM1621


Similar Part No. - HM1621

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM1620 HMSEMI-HM1620 Datasheet
497Kb / 10P
LED drive control dedicated circuit, integrated with MCU digital interface, data latch and other circuits
HM1623 HMSEMI-HM1623 Datasheet
846Kb / 12P
4-wire serial port common
HM1628 HMSEMI-HM1628 Datasheet
414Kb / 12P
LED Driver IC Product
HM1629A HMSEMI-HM1629A Datasheet
1Mb / 12P
Functional block diagram and pin description
More results

Similar Description - HM1621

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2253 MICREL-MIC2253 Datasheet
502Kb / 13P
3.5A 1MHz High Efficiency Boost Regulator with OVP and Softstart
MIC2253 MICREL-MIC2253_11 Datasheet
499Kb / 13P
3.5A 1MHz High Efficiency Boost Regulator with OVP and Softstart
logo
Seaward Electronics Inc...
SE3609 SEAWARD-SE3609 Datasheet
292Kb / 8P
1MHz/1.2A Synchronous Boost Converter
logo
Richtek Technology Corp...
RT4533 RICHTEK-RT4533 Datasheet
142Kb / 11P
Asynchronous Boost Converter
logo
Anpec Electronics Corop...
APW7272 ANPEC-APW7272 Datasheet
323Kb / 18P
24V 4A Asynchronous Boost Converter
logo
Feeling Technology Corp...
FP5139 FEELING-FP5139 Datasheet
432Kb / 15P
Asynchronous Boost Controller
logo
Major-Power Technology ...
MA2004A MPOWER-MA2004A Datasheet
365Kb / 6P
3A 750KHz Asynchronous Boost Converter
MA2007 MPOWER-MA2007 Datasheet
291Kb / 6P
750KHz Asynchronous Boost Converter
logo
Shenzhen Huazhimei Semi...
HM1548 HMSEMI-HM1548 Datasheet
572Kb / 5P
1MHz, 3A boost converter
logo
AiT Semiconductor Inc.
A7542 AITSEMI-A7542 Datasheet
456Kb / 9P
DC-DC CONVERTER(BOOST) 1MHz, 3A STEP UP REGULATOR
REV2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com