Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM1621 Datasheet(PDF) 11 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1621
Description  1MHz Asynchronous Boost Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1621 Datasheet(HTML) 11 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM1621 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1621 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1621 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1621 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1621 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1621 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1621 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1621 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1621 Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
HM1621
封装描述
SOT23-6L
单位:毫米
单位:英寸
符号
Min
Max
Min
Max
A
1.050
1.250
0.041
0.049
A1
0.000
0.100
0.000
0.004
A2
1.050
1.150
0.041
0.045
B
0.300
0.500
0.012
0.020
C
0.100
0.200
0.004
0.008
D
2.820
3.020
0.111
0.119
E
1.500
1.700
0.059
0.067
E1
2.650
2.950
0.104
0.116
E
0.950(BSC)
0.037(BSC)
e1
1.800
2.000
0.071
0.079
L
0.300
0.600
0.012
0.024
Θ
0°
8°
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com